Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLG2 Datasheet(PDF) 2 Page - 3M Electronics

Part # PLG2
Description  3M Fire Barrier Block B258
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PLG2 Datasheet(HTML) 2 Page - 3M Electronics

  PLG2 Datasheet HTML 1Page - 3M Electronics PLG2 Datasheet HTML 2Page - 3M Electronics PLG2 Datasheet HTML 3Page - 3M Electronics PLG2 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M Fire Protection Products
3M™ Fire Barrier Block B258
3M™ Fire Barrier Plank PK39
3M™ Fire Barrier Plug PLG2 and PLG4 
Page 2 of 4
 
Performance and Typical
Physical Properties
Note: The following technical information and data should be considered representative or typical
only and should not be used for specification purposes.
Test Method
Surface Burning:
Flame Spread 5, Smoke Development 250
ASTM E 84
Air Leakage:
Less than 1 CFM/sq. ft. @ 400°F
less than 1 CFM/sq. ft. @ ambient.
UL 1479
Section 6
Product
Size
Color
Mass Units/Ctn. Wt./Ctn
3M Fire Barrier
Block B258
2-3/8 in. x 5-1/8 in. x 7-7/8 in.
(60 mm x 130 mm x 200 mm)
Maroon
575g
12
15.2 lbs.
6,9kg
3M Fire Barrier
Plank PK39
2-3/8 in. x 5-1/8 in. x 39-3/8 in.
(60 mm x 130 mm x 1000 mm)
Maroon
2875g
3
19.0 lbs.
8,6kg
3M Fire Barrier
Plug PLG2
2 in. diam. x 3-1/8 in. high
Maroon
120g
4
1.1 lbs.
0,48kg
3M Fire Barrier
Plug PLG4
4 in. diam. x 3-1/8 in. high
Maroon
360g
4
3.2 lbs.
1,4kg
Installation Techniques
Consult a 3M Authorized Fire Protection Products Distributor/Dealer or Sales Representative for
applicable UL, cUL, ULC, Interek or other third-party drawings and system details.
Blocks and Planks
1. Install Fire Barrier Blocks or Fire Barrier Planks with the 5 in. (130mm)
dimension projecting through the floor or wall and centered within the
opening; minimum 4-1/2 in. seal thickness is required.
2. Continue to install Blocks/Planks until through opening is completely full,
and blocks/planks are firmly packed together. Block/Plank can be re-sized
in the field as needed provided the 5 in. (130mm) dimension is maintained
through the opening. No compression is necessary.
3. Install Fire Barrier Rated Foam FIP 1-Step between the Blocks/Planks and
the periphery of the opening and between Blocks/Planks and penetrants.
Foam to be installed full depth of the Blocks/Planks.
4. Check for any openings between Blocks/Planks, framing, and penetrating
items. Fill any visible openings with the required depth of Foam. Consult
individual UL systems for Foam depth and location requirements.
5. To remove the Blocks/Planks, gently pull them out and place on a clean
surface. After penetrants are routed through, or removed from the opening,
replace the Blocks/Planks, making sure that they are firmly packed and
fully filling the opening. Install Foam in any voids as required.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com