Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4928CE6547 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4928CE6547
Description  Dynamic Differential Hall Effect Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4928CE6547 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4928CE6547 Datasheet HTML 1Page - Infineon Technologies AG TLE4928CE6547 Datasheet HTML 2Page - Infineon Technologies AG TLE4928CE6547 Datasheet HTML 3Page - Infineon Technologies AG TLE4928CE6547 Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLE4928C E6547 supplement
Page 2 of 4
1.1
Absolute Maximum Ratings
No.
Parameter
Symbol
min.
typ.
max.
Unit
Conditions
1.1.1
Junction temperature
Tj
-40
155
165
175
195
°C
°C
°C
°C
°C
-
2000 h (not additive)
1000 h (not additive)
168 h (not additive)
3x1 h (additive to the
other life times).
1.2
Operating Range
No.
Parameter
Symbol
min.
typ.
max.
Unit
Conditions
-40
°C
-
155
°C
2000 h (not additive)
165
°C
1000 h (not additive)
1.2.1
Operating junction
temperature
Tj
175
°C
168 h (not additive)
reduced signal
quality permittable
(e.g. jitter).
1.2.2
Power on time
ton
1
ms
Time to achieve
specified accuracy
After power on the
output of the IC is
always in high-state.
After internal resets
output is locked
1.
1.3
AC/DC Characteristics
Note: Not part of production testing, verified by design and characterization.
No.
Parameter
Symbol
min
typ
max
Unit
Remarks
1.3.1
Frequency range
f
0.006
8
kHz
Operation below 6Hz
2
1 Output of the IC is locked in present state (high-state or low-state) after an internal reset is launched.
This reset happens typically every 195ms when there is no output switching in either case. See also
1.3.2. A voltage reset causes a release of the output and output is in high state after power on again.
2 Output will switch if magnetic signal is changing more that 2x
⏐ΔB
min⏐ within offset recalibration time
even below 6Hz once per magnetic edge, increased phase error is possible.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com