Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE5045IC-R100 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5045IC-R100
Description  High End GMR Wheel Speed Sensor, ASIL B(D)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5045IC-R100 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5045IC-R100 Datasheet HTML 3Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 4Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 5Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 6Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 7Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 8Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 9Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 10Page - Infineon Technologies AG TLE5045IC-R100 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
3
Speed Protocol
The first output pulse is generated when the input field exceeds the minimal magnetic threshold 2 x dBlimit.
After minimum and maximum are detected and offset is compensated, output switching occurs at zerocrossing
of the differential magnetic signal.
t
Δ Bx
t
Bleft_x
t
Bright_x
Adaptive Hysteresis
=
IHigh
ILow
Figure 3
Signal output pulse
4
Safety Mechanisms
The TLE5045iC offers safety features to support the Automotive Safety Integrity Level ASIL B and is designed to
be used in ASIL D systems.
An embedded safety concept was developed to notify the Control System in case of an internal error by setting
the output current level to a constant failure indication level IError.
Following safety mechanisms have been implemented:
Undervoltage detection: This safety mechanism detects voltage drops to values where the correct
functionality of the circuitry is no more ensured. The sensor remains in this state until the error condition is
solved and VDD is back into normal operating range.
Detection of discrepancy between number of active fuses and internally stored number of fuses: This safety
mechanism compares the active fuse bits against the internal stored quantity. The sensor remains in this
failure indication state IError until the device is powered off and on again and the error condition is not
present any longer.
The entirety of Infineon experience has been used to identify and prevent common cause of failure in the
application including EMC disturbances and mechanical tolerances. An advanced EMC concept, inclusive of
microbreak feature, without the need of external components, maximizes the availability of the sensor signal at
the electrical interface. Also, the speed algorithm is designed for fast start-up and optimization of duty cycle.
The extremely low jitter of the sensor contributes to high time accuracy of the speed signal.
TLE5045iC is accompanied by accurate safety analysis and complete documentation to enable the system
integrator to quickly evaluate the compatibility with the system/item and start the integration process. A
detailed description of how the sensor is to be used in an ISO26262 compliant system can be found in the Safety
Manual and Safety Analysis Summary Report, which are available on request.
5
ESD and EMC Characteristics
The TLE5045iC is characterized according to the IC level EMC requirements described in the “Generic IC EMC
Test Specification” Version 2.0 from 2014. EMC testreport is available on request.
TLE5045iC
Technical product description
3 Speed Protocol
Technical Product Description
7
Revision 1.0
2018-11-06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com