Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986H3V3 Datasheet(PDF) 28 Page - STMicroelectronics

Part # A6986H3V3
Description  Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986H3V3 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button A6986H3V3 Datasheet HTML 24Page - STMicroelectronics A6986H3V3 Datasheet HTML 25Page - STMicroelectronics A6986H3V3 Datasheet HTML 26Page - STMicroelectronics A6986H3V3 Datasheet HTML 27Page - STMicroelectronics A6986H3V3 Datasheet HTML 28Page - STMicroelectronics A6986H3V3 Datasheet HTML 29Page - STMicroelectronics A6986H3V3 Datasheet HTML 30Page - STMicroelectronics A6986H3V3 Datasheet HTML 31Page - STMicroelectronics A6986H3V3 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 71 page
background image
Figure 23. LCM operation over loading condition (part 2-pulse skipping)
Figure 24. LCM operation over loading condition (part 3-pulse skipping)
A6986H
Light-load operation
DS12861 - Rev 3
page 28/71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com