Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-345AT Datasheet(PDF) 19 Page - STMicroelectronics

Part # BLUENRG-345AT
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-345AT Datasheet(HTML) 19 Page - STMicroelectronics

Back Button BLUENRG-345AT Datasheet HTML 15Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 16Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 17Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 18Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 19Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 20Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 21Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 22Page - STMicroelectronics BLUENRG-345AT Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
1.18
Real-time clock (RTC)
The RTC is an independent BCD timer/counter. The RTC provides a time of day/clock/calendar with
programmable alarm interrupt. RTC includes also a periodic programmable wake-up flag with interrupt capability.
The RTC provides an automatic wake-up to manage all low power modes.
Two 32-bit registers contain seconds, minutes, hours (12- or 24-hour format), day (day of week), date (day of
month), month, and year, expressed in binary coded decimal format (BCD). The sub-second value is also
available in binary format. Compensations for 28-, 29- (leap year), 30-, and 31-day months are performed
automatically. Daylight saving time compensation can also be performed. Additional 32-bit registers contain the
programmable alarm sub seconds, seconds, minutes, hours, day, and date.
A digital calibration circuit with 0.95 ppm resolution is available to compensate for quartz crystal inaccuracy. After
power-on reset, all RTC registers are protected against possible parasitic write accesses. As long as the supply
voltage remains in the operating range, the RTC never stops, regardless of the device status (RUN mode, low
power mode or under system reset). The RTC counter does not freeze when CPU is halted by a debugger.
1.19
Inter-integrated circuit interface (I2C)
The BlueNRG-LP embeds two I2Cs. The I2C bus interface handles communications between the microcontroller
and the serial I2C bus. It controls all I2C bus-specific sequencing, protocol, arbitration and timing.
The I2C peripheral supports:
•
I2C bus specification and user manual rev. 5 compatibilities:
–
Slave and master modes
–
Multimaster capability
–
Standard-mode (Sm), with a bitrate up to 100 kbit/s
–
Fast-mode (Fm), with a bitrate up to 400 kbit/s
–
Fast-mode Plus (fm+), with a bitrate up to 1 Mbit/s and 20 mA output driver I/Os
–
7-bit and 10-bit addressing mode
–
Multiple 7-bit slave addresses (2 addresses, 1 with configurable mask)
–
All 7-bit address acknowledge mode
–
General call
–
Programmable setup and hold times
–
Easy to use event management
–
Optional clock stretching
–
Software reset
•
System management Bus (SMBus) specification rev 2.0 compatibility:
–
Hardware PEC (Packet Error Checking) generation and verification with ACK control
–
Address resolution protocol (ARP) support
–
Host and device support
–
SMBus alert
–
Timeouts and idle condition detection
•
Power system management protocol (PMBusTM) specification rev 1.1 compatibility
•
Independent clock: a choice of independent clock sources allowing the I2C communication speed to be
independent from the PCLK reprogramming
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
1.20
Universal synchronous/asynchronous receiver transmitter (USART)
USART offers flexible full-duplex data exchange with external equipment requiring an industry standard NRZ
asynchronous serial data format. USART is able to communicate with a speed up to 2 Mbit/s. Furthermore,
USART is able to detect and automatically set its own baud rate, based on the reception of a single character.
The USART peripheral supports:
•
Synchronous one-way communication
BlueNRG-LP
Real-time clock (RTC)
DS13282 - Rev 2
page 19/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com