Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M0 Datasheet(PDF) 13 Page - STMicroelectronics

Part # BLUENRG-M0
Description  Very low power network processor module for Bluetooth® low energy v4.2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M0 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button BLUENRG-M0 Datasheet HTML 9Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 10Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 11Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 12Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 13Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 14Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 15Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 16Page - STMicroelectronics BLUENRG-M0 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Note:
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part
15 of the FCC rules. These limits are designed to provide reasonable protection against harmful interference in a
residential installation. This equipment generates, uses and can radiate radio frequency energy and, if not
installed and used in accordance with the instructions, may cause harmful interference to radio communications.
However, there is no guarantee that interference will not occur in a particular installation. If this equipment does
cause harmful interference to radio or television reception, which can be determined by turning the equipment
off and on, the user is encouraged to try to correct the interference by one or more of the following measures:
•
Reorient or relocate the receiving antenna
•
Increase the separation between the equipment and receiver
•
Connect the equipment into an outlet on a circuit different from that to which the receiver is connected
•
Consult the dealer or an experienced radio/TV technician for help
In the case where an OEM seeks the lesser category of a Class A digital device for the final product, the following
statement must be included in the final product manual:
Note:
This equipment has been tested and found to comply with the limits for a Class A digital device, pursuant to part
15 of the FCC rules. These limits are designed to provide reasonable protection against harmful interference
when the equipment is operated in a commercial environment. This equipment generates, uses, and can radiate
radio frequency energy and, if not installed and used in accordance with the instruction manual, may cause
harmful interference to radio communications. Operation of this equipment in a residential area is likely to cause
harmful interference in which case the user will be required to correct the interference at his expense.
7.2
IC certification
This device contains license-exempt transmitter(s)/receiver(s) that comply with innovation, science and economic
development Canada’s license-exempt RSS(s). Operation is subjected to the following two conditions:
1.
this device may not cause interference
and
1.
this device must accept any interference, including interference that may cause undesired operations of the
device.
In addition, in accordance with RSS-102 clause 2.6, the RF exposure compliance distance of the BlueNRG-M0 is
set equal to 15 mm.
Modular approval
IC: 8976C-BNRGM0AL
In accordance with IC RSS-247, the BlueNRG-M0 is listed as a modular transmitter device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple transmitters must
comply with collocation and RF exposure requirements in accordance with IC multi-transmitter product
procedures. Collocated transmitters operating in portable RF Exposure conditions (e.g. <20 cm from persons
including but not limited to body worn and hand held devices) may require separate approval.
7.2.1
Labeling instructions
When the BlueNRG-M0 is integrated into the final product, the OEM must ensure that the IC labeling
requirements are satisfied. A statement must be included on the exterior of the final product which indicates that
the product includes a certified module. The label should state the following (or similar wording that conveys the
same meaning):
Contains IC: 8976C-BNRGM0AL
or
this product contains IC: 8976C-BNRGM0AL
The OEM must include the following statements on the exterior of the final product unless the product is too small
(e.g. less than 4 x 4 inches):
This device complies with RSS-247 of the IC rules. Operation is subjected to the following two conditions:
1.
this device may not cause harmful interference, and
1.
this device must accept any interference received, including any interference that may cause undesired
operation
BlueNRG-M0
IC certification
DS13023 - Rev 3
page 13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com