Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-M0A Datasheet(PDF) 2 Page - STMicroelectronics

Part # BLUENRG-M0A
Description  Very low power network processor module for Bluetooth® low energy v4.2
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-M0A Datasheet(HTML) 2 Page - STMicroelectronics

  BLUENRG-M0A Datasheet HTML 1Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 2Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 3Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 4Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 5Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 6Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 7Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 8Page - STMicroelectronics BLUENRG-M0A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
The entire Bluetooth low energy stack and protocols are embedded into BlueNRG-
M0 module. The external host application processor, where the application resides, is
connected to the BlueNRG-M0 module through a standard SPI interface.
The BlueNRG-M0 module provides a complete RF platform in a tiny form factor.
Radio, antenna, high frequency and LPO oscillators are integrated to offer a certified
solution to optimize the time-to-market of the final applications.
The BlueNRG-M0 can be powered directly with a standard 3 V coin cell battery, a
pair of AAA batteries or any power source from 1.7 to 3.6 V.
BlueNRG-M0
DS13023 - Rev 3
page 2/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com