Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-355AC Datasheet(PDF) 33 Page - STMicroelectronics

Part # BLUENRG-355AC
Description  Programmable Bluetooth® Low Energy wireless SoC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-355AC Datasheet(HTML) 33 Page - STMicroelectronics

Back Button BLUENRG-355AC Datasheet HTML 29Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 30Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 31Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 32Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 33Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 34Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 35Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 36Page - STMicroelectronics BLUENRG-355AC Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
Table 7. Application circuit external components
Component
Description
C1
Decoupling capacitor
C2
32 kHz crystal loading capacitor
C3
32 kHz crystal loading capacitor
C4
Decoupling capacitor
C5
Decoupling capacitor for digital regulator
C6
DC – DC converter output capacitor
C7
Decoupling capacitor
C8
Decoupling capacitor
C9
DC-DC converter output inductor
C10
Decoupling capacitor
C11
Decoupling capacitor
C12
RF matching capacitor
C13
Decoupling capacitor
C14
Decoupling capacitor
C15
RF matching capacitor
C16
RF matching capacitor
L1
DC-DC converter output inductor
L2
RF matching inductor
L3
RF matching capacitor
Q1
Low speed crystal
Q2
High speed crystal
U1
BlueNRG-LP
U2
Low/band pass filter
Note:
In order to make the board DC–DC OFF, the inductance L1 must be removed and the supply voltage must be
applied to the VFBSD pin.
BlueNRG-LP
Application circuits
DS13282 - Rev 2
page 33/72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com