Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

175 Datasheet(PDF) 2 Page - 3M Electronics

Part # 175
Description  3M Temflex Vinyl Electrical Tape 175
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

175 Datasheet(HTML) 2 Page - 3M Electronics

  175 Datasheet HTML 1Page - 3M Electronics 175 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Temflex™ Vinyl Electrical Tape 175
2 of 2
3M and Temflex are trademarks of 3M Company.
Important Notice
All statements, technical information, and recommendations related to 3M’s products are based on
information believed to be reliable, but the accuracy or completeness is not guaranteed. Before
using this product, you must evaluate it and determine if it is suitable for your intended application.
You assume all risks and liability associated with such use. Any statements related to the product,
which are not contained in 3M’s current publications, or any contrary statements contained on your
purchase order, shall have no force or effect unless expressly agreed upon, in writing, by an
authorized officer of 3M.
Warranty; Limited
Remedy; Limited
Liability
This product will be free from defects in material and manufacture at the time of purchase. 3M
MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED
WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this
product is defective within the warranty period stated above, your exclusive remedy shall be, at
3M’s option, to replace or repair the 3M product or refund the purchase price of the 3M
product. Except where prohibited by law, 3M will not be liable for any direct, indirect, special,
incidental or consequential loss or damage arising from this 3M product, regardless of the legal
theory asserted.
Installation
Techniques
3M Temflex Vinyl Electrical Tape 175 shall be applied in half-lapped layers with a sufficient
tension to produce a uniform wind (for most applications this tension will reduce the tape width
to approximately 5/8 of original width). On pigtail splices, the tape shall be wrapped beyond the
end of the wires and then folded back, leaving a protective cushion to resist cut-through. Wrap
tape up-hill, taping from a smaller diameter surface to a larger diameter surface. Apply the tape
with no tension on the last wrap to prevent flagging.
Shelf Life & Storage
This product has a 5-year shelf life (from date of manufacture) when stored in a humidity-
controlled storage (10°C/50°F to 27°C/80°F and <75% relative humidity).
Availability
3M Temflex Vinyl Electrical Tape 175 is available from 3M authorized distributors
Also available from 3M.com/electrical or call 1.800.245.3573.
Electrical Markets Division
Austin, TX
Phone: 800-245-3573
www.3M.com/electrical
Please Recycle. Printed in USA.
© 3M 2020. All Rights Reserved.
78-9237-2343-7 Rev C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com