Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

233 Datasheet(PDF) 2 Page - 3M Electronics

Part # 233
Description  Scotch® Automotive Refinish Masking Tape 233
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

233 Datasheet(HTML) 2 Page - 3M Electronics

  233 Datasheet HTML 1Page - 3M Electronics 233 Datasheet HTML 2Page - 3M Electronics 233 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Typical Physical Properties
Typical Physical Properties
Typical Physical Properties
Typical Physical Properties
Adhesion to Steel
40 ounces/inch width
ASTM D-3330
Tensile Strength
30 lbs./inch width
ASTM D-3759
Elongation at Break
12%
ASTM D-3759
Tape Thickness
8.0 mils (0.20 mm)
ASTM D-3652
Temperature use Range
Up to 250 degrees F (121
degrees C) for up to 30 minutes
Product Uses
Product Uses
Product Uses
Product Uses
High performance masking tape for use in all automotive repair and painting applications
Performance Properties
Performance Properties
Performance Properties
Performance Properties
Strong backing with excellent dead stretch
Superior holding power
Good conformability
Easy, clean removal
Good heat and solvent resistance
Handling and Application Information
Handling and Application Information
Handling and Application Information
Handling and Application Information
Directions for Use
Directions for Use
Directions for Use
Directions for Use
Designed for indoor use. Prolonged exposure to sun and heat may cause tape to become very difficult to
remove.
Applications
Applications
Applications
Applications
Balanced construction is specially engineered for paint masking applications on cars, airplanes, boats and
trucks.
Storage and Handling
Storage and Handling
Storage and Handling
Storage and Handling
For best performance use this product within 12 months from the date of manufacture. Store product in
the original carton under normal conditions of 60 to 80 degrees F and 50% relative humidity.
Precautionary Information
Precautionary Information
Precautionary Information
Precautionary Information
Refer to Product Label and Material Safety Data Sheet for Health and Safety Information before using this product .
Country
Country
Country
Country
US
This document is public
This document is public
This document is public
This document is public .... It may be distributed
It may be distributed
It may be distributed
It may be distributed ....
Warranty and Limited Remedy
Warranty and Limited Remedy
Warranty and Limited Remedy
Warranty and Limited Remedy
This product will be free from defects in material and workmanship at the time of shipment. 3M MAKES NO OTHER WARRANTIES,
EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR
FITNESS FOR PARTICULAR PURPOSE. User is responsible for determining whether the 3M product is fit for a particular purpose
and suitable for user’s application. If this product is defective, your exclusive remedy and 3M’s and seller’s sole obligation shall be, at
3M’s option, to replace the product or refund the purchase price.
LIMITATION OF LIABILITY
LIMITATION OF LIABILITY
LIMITATION OF LIABILITY
LIMITATION OF LIABILITY :::: 3
3
3
3M and seller will not be liable for any loss or damage arising from this
M and seller will not be liable for any loss or damage arising from this
M and seller will not be liable for any loss or damage arising from this
M and seller will not be liable for any loss or damage arising from this
3
3
3
3M product
M product
M product
M product ,,,,
whether direct
whether direct
whether direct
whether direct ,,,, indirect
indirect
indirect
indirect ,,,, special
special
special
special ,,,, incidental or consequential
incidental or consequential
incidental or consequential
incidental or consequential ,,,, regardless of the legal theory asserted
regardless of the legal theory asserted
regardless of the legal theory asserted
regardless of the legal theory asserted ,,,, including
including
including
including
warranty
warranty
warranty
warranty ,,,, contract
contract
contract
contract ,,,, negligence or strict liability
negligence or strict liability
negligence or strict liability
negligence or strict liability ....



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com