Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1003SL Datasheet(PDF) 2 Page - 3M Electronics

Part # 1003SL
Description  3M™ Fire Barrier Water Tight Sealants
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1003SL Datasheet(HTML) 2 Page - 3M Electronics

  1003SL Datasheet HTML 1Page - 3M Electronics 1003SL Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7. Maintenance NomaintenanceshouldberequiredwheninstalledinaccordancewiththeapplicableUL,Intertek,FMorotherthird-partylisted
system. Once installed,if any section of the 3M™ Fire Barrier Water Tight Sealant is damaged, the following procedure will apply: remove and reinstall the damaged
section in accordance with the applicable listed system, with a minimum 1/2 in. (12.7mm) overlap onto the adjacent material.
3M Industrial Adhesives
and Tapes Division
3M Center, Building 223-2N-21 St.
Paul, MN 55144-1000 USA
1-800-328-1687
www.3M.com/firestop
Color:
Light Gray
Elongation at Break (ASTM D 412):
600%
Service Temperature Range:
-60°F to 300°F (-51°C to 149°C)
STC (ASTM E 90 and ASTM E 413):
56 when tested in STC 56 rated wall
assembly
Surface Burning (ASTM E 84 Mod):
Flame Spread 0, Smoke Development 0
Hardness (ASTM C 66 Shore A):
20–25 (1000 NS)
10–15 (1003 SL)
Tensile Strength:
85 psi (0.59 MPa)
VOC Less H2O and Exempt Solvents:
< 250g/L
Cure: Under typical cure rate conditions of 77°F (25°C) and 50% R.H., sealant becomes
tack-free in about ten minutes, dry-to-touch in 30 to 60 minutes and obtains full-cure
adhesion in 14–21 days. Full cure depends upon abient conditions and volume of sealant.
Typical cure rate is approximately 1/8 inch (3mm) per day.
4. Performance & Typical Physical Properties
Unit Volume: 10.1 fl. oz. tube (298.7cc, 18.2 in.3), 20 fl. oz. sausage (591.5cc, 36.1 in.3), 4.5 gal. pail (.017m3, 1039.5 in.3)
Meets the intent of LEED® VOC environmental quality requirements.
5. Packaging, Storage, Shelf Life
Packaging:
Product packaged in cartridge or pail is enclosed in HDPE plastic containers, sausage is packaged in aluminum foil wrap.
Storage:
3M™ Fire Barrier Water Tight Sealants should be stored indoors in dry conditions between 40°F and 90°F (4°C and 32°C).
Avoid repeated freeze/thaw exposures of the 3M™ Fire Barrier Water Tight Sealants while still in the packaging.
Shelf Life:
3M™ Fire Barrier Water Tight Sealant 1000 NS and 1003 SL shelf life is 18 months in original unopened containers
from date of packaging when stored between 40°F and 90°F (4°C and 32°C). Normal stock rotation is recommended.
Lot numbering: First to sixth digit = Date of Production (MMDDYY), Seventh indicator = dash symbol (-), Eighth digit = shift number
6. Installation Techniques
Preparatory Work:
The surface of the opening and any penetrating items should be clean and free of dirt and debris to allow for the proper adhesion of 3M™ Fire
Barrier Water Tight Sealant. Do not use alcohol to clean surfaces in penetration or joint opening, instead use a commercial solvent such as
mineral spirits, xylene, toluene or methyl ethyl ketone (MEK). Ensure that the surface of the substrates are not wet and are frost free. Sealant
can be installed with a standard caulking gun, pneumatic pumping equipment or it can be easily applied with a putty knife or trowel.
Installation Details:
Install the applicable depth of backing material, if required, as detailed within the applicable UL, cUL, ULC, Intertek or other third-party listed
system. Cut the end of the 3M™ Fire Barrier Water Tight Sealant tube spout to achieve the desired beadwidth. Install the applicable depth of
3M™ Fire Barrier Water Tight Sealant into the opening flush with the surface of the substrate,or as detailed within the applicable listed system, at
the required depth for the assembly and rating that is specified. Tool within 5 minutes. Clean all tools immediately after use with a commercial
solvent such as mineral spirits, xylene, toluene or methyl ethyl ketone (MEK).
Limitations:
Do not apply 3M™ Fire Barrier Water Tight Sealants 1000 NS or 1003 SL (Note: once applied,sealant may be exposed to intermittent water —
exhibits excellent weatherability when fully cured) or frost-coated, in unvented spaces where sealant is not exposed to atmospheric moisture,
in areas where abrasion or physical abuse of the sealant are likely and/or where painting of sealant is required. Do not apply 3M™ Fire Barrier
Water Tight Sealants 1000 NS or 1003 SL to polycarbonates or to building materials that bleed oil, plasticizers or solvent (e.g. impregnated
wood, oil-based sealants, or green or partially vulcanized rubber).
Note: In confined cure conditions there may be discoloration of brass, copper or other sensitive metals.
9. Safe Handling Information ConsultproductSafetyDataSheet(SDS)priortohandlinganddisposal.
8. Availability
3M™ Fire Barrier Water Tight Sealant 1000 NS and 1003 SL are available from 3M Authorized Fire Protection Products
Distributors and Dealers in 10.1 fl. oz. cartridges (12/case), 20.0 oz. sausages (12/case) and 4.5 gallon pails (1/case); light gray-colored sealant. For additional technical
and purchasing information regarding 3M Fire Protection Products, please call: 1-800-328-1687 or visit www.3M.com/firestop.
Consult a 3M Authorized Fire Protection Products Distributor / Dealer or Sales Representative for
Applicable UL, cUL, ULC, Intertek or other third-party drawings and system details.
Important Notice to User:
Technical Information: The technical information, recommendations and other statements contained in this document are based upon tests or experience that 3M believes are
reliable, but the accuracy or completeness of such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and
control can affect the use and performance of a 3M product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product,
user is solely responsible for evaluating the 3M product and determining whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty
and Limited Remedy: 3M warrants that each 3M Fire Protection Product will be free from defects in material and manufacture for 90 days from the date of purchase from
3M’s authorized distributor. 3M MAKES NO OTHER EXPRESS OR IMPLIED WARRANTIES, INCLUDING ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A
PARTICULAR PURPOSE. If a 3M product does not conform to this warranty, the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the
purchase price.
Limitation of Liability: Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special,
incidental or consequential, regardless of the legal theory asserted.
3M is a trademark of 3M. Used under license in Canada. LEED is a trademark of U.S. Green Building Council Non-Profit Corporation. The FBC System
Compatible logo indicates that a 3M product has been tested and is monitored on an on going basis to assure chemical compatibility with FlowGuard
Gold®, BlazeMaster® and Corzan® pipe and fittings. FBC is a registered trademark and FlowGuard Gold, BlazeMaster and Corzan are trademarks of
Lubrizol Advanced Materials, Inc. © Lubrizol Advanced Materials, Inc. All other trademarks are the property of their respective owners.
Please Recycle. Printed in U.S.A. © 3M 201
8. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com