Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1774T Datasheet(PDF) 1 Page - 3M Electronics

Part # 1774T
Description  3M Medical Materials & Technologies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

1774T Datasheet(HTML) 1 Page - 3M Electronics

  1774T Datasheet HTML 1Page - 3M Electronics 1774T Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3M Medical Materials & Technologies
Product Number 1774T
3MTM Single Coated Medical White Polyolefin Foam Tape on Liner
Effective: March 2020
Supersedes all previous versions
Features and Benefits:
Non-Sensitizing per ISO:10993
Easy to Handle/Apply
Conformable¹ & Cushioning
ETO and Radiation Sterilization Compatible
Opaque Medium Tan
Printable²1
Composition: Tape is ~22 mils [0.6 mm] thick without release liner target thickness.
Backing
20 mil (0.5 mm) Tan Polyolefin Closed-Cell Foam2
Adhesive
Non-tackified Acrylic-based, developed for skin contact
Liner
63 lbs. Bleached Poly-coated Kraft paper, silicone release on
one side, 4.6 mils ± 0.4 mils (0.12 mm ± 0.01 mm), printable
Please note - The following technical information should be considered representative or typical only
and should not be used for specification purposes.
Typical Properties: *3M test methods are available upon request.
Adhesion to Stainless Steel*, 180 deg
15.2 ounces/inch width (430 g/25mm width)
(4.2 N/25 mm)
Liner Release*, average
25 grams/inch width (25 gm/25 mm width)
Roll Description: Tape supplied on 3 inch (76 mm) diameter cores.
Length, Maximum
400 yards (366 meters) + 2 %
Width, Maximum
48 inches (122 cm) + 1/16 inch (1.5 mm)
Splices: Splices on the tape are intended for continuous processing.
Roll Width
Maximum Number of Splices per Roll
< 8 inches (20 cm)
2 per 150 yards (137 meters)
Information on the splice frequency in roll
widths greater than 8 inches (20 cm) is
available upon request.
4 per 289 yds. (264 m)
6 per 400 yds. (366 m)
Rollstock Shelf Life and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two (2) years
from date stamped on shipping container when stored at temperatures of 50-80ºF (10-27ºC) and a
relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.
1Conditions based on 3M internal studies may not be representative of actual end use/performance and we
recommend our OEM customers run their own studies using their device design.
2 May require pre-treatment or primer to increase ink anchorage before printing.


Similar Part No. - 1774T

ManufacturerPart #DatasheetDescription
logo
Heyco.
1774 HEYCO-1774 Datasheet
143Kb / 1P
RDD Lockit™ Strain Relief Bushings – Pigtail
logo
Adafruit Industries
1774 ADAFRUIT-1774 Datasheet
1Mb / 3P
2.8" TFT Display with Resistive Touchscreen
8-6-18
logo
Evolt
17740 EKTOR-17740 Datasheet
307Kb / 2P
RAZOR FLEX
5th of February 2025 07:41:21
logo
PHOENIX CONTACT
1774005 PHOENIX-1774005 Datasheet
48Kb / 3P
Housing - HC-HV 10/16-TFQ-76/M1PG29S
1774018 PHOENIX-1774018 Datasheet
47Kb / 3P
Housing - HC-HV 10/16-TFQ-76/M1PG29G
More results

Similar Description - 1774T

ManufacturerPart #DatasheetDescription
logo
3M Electronics
7613T 3M-7613T Datasheet
553Kb / 4P
3M™ Tamper-Evident Label Materials
1504X 3M-1504X Datasheet
167Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1524A 3M-1524A Datasheet
137Kb / 2P
3M Medical Materials & Technologies
Oct-2020
9777L 3M-9777L Datasheet
180Kb / 2P
3M Medical Materials & Technologies
Oct-2020
1524 3M-1524 Datasheet
137Kb / 2P
3M Medical Materials & Technologies
Oct-2020
2477P 3M-2477P Datasheet
88Kb / 2P
Medical Materials & Technologies BIOCOMPATIBILITY SUMMARY
Dec-2020
1772 3M-1772 Datasheet
360Kb / 2P
3M Medical Materials & Technologies
Jan-2020
1773 3M-1773 Datasheet
175Kb / 2P
3M Medical Materials & Technologies
Mar-2020
1774W 3M-1774W Datasheet
171Kb / 2P
3M Medical Materials & Technologies
Mar-2020
9776 3M-9776 Datasheet
172Kb / 2P
3M Medical Materials & Technologies
Aug-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com