Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9833 Datasheet(PDF) 1 Page - 3M Electronics

Part # 9833
Description  3MTM Single Coated Polyurethane Medical Tape on White Carrier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9833 Datasheet(HTML) 1 Page - 3M Electronics

  9833 Datasheet HTML 1Page - 3M Electronics 9833 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 3M 2013 All Rights Reserved.
Technical Information Sheet
Product Number 9833
3M
TM Single Coated Polyurethane Medical Tape on White Carrier
Effective: July 2013
Supersedes all previous versions
Features and Benefits:
-
Hypoallergenic Pressure Sensitive Adhesive
- ETO & Gamma Sterilization Compatible
-
Breathable
- Gentle Adhesion to Skin
-
Thin, Flexible, Conformable
- Available for Wound Care
Composition:
Tape Caliper
2.0 mil (0.05 mm) Polyurethane Tape
Backing
1.1 mil (0.03 mm) Translucent Polyurethane Film on Paper Carrier
Adhesive
Acrylate designed for medical/surgical use
Carrier
78 lb. White Poly-coated Paper Carrier, silicone on one side (5.0 mils/0.13 mm)
Typical Properties
+:
Adhesion to Steel, 180
° Peel
14 oz/inch width [0.4 kg/25.4 mm width]
Carrier Release
27 gm/inch width
MVTR
750-850 gm/sqm/day (Inverted bottle method)
400-500 gm/sqm/day (Upright bottle method)
+3M test methods are available upon request.
Roll Description: Tape supplied on 3 inch (76 mm) diameter cores.
Length, Maximum
700 yards (640 m)
± 2%
Width, Maximum
46 inch (117 cm)
± 1/32 in (1.0 mm)
Splices: Splices on the tape and liner are intended for continuous processing.
Roll Width
Maximum Number of Splices per Roll
< 8 inch (20 cm)
2 per 100 yd (91 m)
3 per 200 yd (183 m)
9 per 700 yd (636 m)
Information on the splice frequency in roll widths greater than 8 inch (20 cm) is available upon request
.
Packaging and Recommended Storage:
Product as supplied in original packaging will maintain stated properties for a period of two [2]
years from date stamped on shipping container when stored at temperatures of 50-80
°F (10-27°C)
and a relative humidity between 40-60 percent.
Please see reverse side for important product, safety and warranty information.


Similar Part No. - 9833

ManufacturerPart #DatasheetDescription
logo
B&K Precision Corporati...
9833 BK-9833 Datasheet
2Mb / 5P
Programmable AC Power Source
logo
Belden Inc.
9833 BELDEN-9833 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-7pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9833.0601000 BELDEN-9833.0601000 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-7pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9833.060500 BELDEN-9833.060500 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-7pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
logo
Schurter Inc.
9833.2300 SCHURTER-9833.2300 Datasheet
270Kb / 3P
Transipillars, a rugged insulated mounting system
13.05.2020
More results

Similar Description - 9833

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1516 3M-1516 Datasheet
48Kb / 2P
3MTM Single Coated Polyester Medical Tape
Jul-2013
1776 3M-1776 Datasheet
133Kb / 2P
3MTM Single Coated Medical White Nonwoven Tape on Liner
Jan-2020
1521 3M-1521 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Jul-2013
1526 3M-1526 Datasheet
48Kb / 2P
3MTM Single Coated Polyethylene Medical Tape
Aug-2013
1527LX 3M-1527LX Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
9834 3M-9834 Datasheet
48Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on White Carrier
Aug-2013
9835 3M-9835 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9836 3M-9836 Datasheet
46Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on Poly Carrier with Liner
May-2014
9860 3M-9860 Datasheet
48Kb / 2P
3MTM Single Coated Medical Tape
Aug-2013
9952 3M-9952 Datasheet
48Kb / 2P
3MTM Single Coated Medical Plastic Tape
Aug-2013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com