Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP5 Datasheet(PDF) 2 Page - 3M Electronics

Part # NP5
Description  Packing List Envelopes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

NP5 Datasheet(HTML) 2 Page - 3M Electronics

  NP5 Datasheet HTML 1Page - 3M Electronics NP5 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ Packing List Envelopes
F1, FED1, NP1 NP2, NP3, NP4, NP5, NP6, NP9, NPZ
T1, T1-INV, T1-PL, T2, T3, T4, and Custom-Printed PLEs
Temperature Range
These envelopes will function well between -20°F (-29°C) and 140°F (60°C).
The application temperature should be 35°F (2°C) and above.
3M™ Packing List Envelopes F1, NP1, T1, T1-INV, T1-PL
41/2 x 51/2 in.
114 x 140 mm
3M™ Packing List Envelopes NP2, T2
41/2 x 6 in.
114 x 152 mm
3M™ Packing List Envelopes NP3, T3
7 x 51/2 in.
178 x 140 mm
3M™ Packing List Envelopes NP4, T4
51/2 x 10 in.
140 x 254 mm
3M™ Packing List Envelope NP5
7 x 10 in.
178 x 254 mm
3M™ Packing List Envelope NP6
91/2 x 12 in.
241 x 305 mm
3M™ Packing List Envelope NP9
7 x 6 in.
178 x 152 mm
3M™ Packing List Envelope FED1 (Perforated)
63/4 x 103/4 in.
172 x 273 mm
3M™ Packing List Envelope NPZ-L
81/2 x 111/2 in.
216 x 292 mm
3M™ Packing List Envelope NPZ-XL
10 x 121/2 in.
254 x 316 mm
Custom printing available in all standard sizes.
Available Sizes
3M is a trademark of 3M Company.
Printed in U.S.A.
©3M 2006
70-0710-0238-3
(11/06)
Recycled Paper
40% pre-consumer
10% post-consumer
Storage Conditions
Store in a cool, dry area, preferably at 65-75°F (18-24°C) and 30-50% relative
humidity in original carton. Avoid pressure from stacking.
Shelf Life
Apply within one year after purchase.
Except where prohibited by law, 3M and seller will not be liable for any loss or damage arising from the
3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory
asserted, including warranty, contract, negligence or strict liability.
Limitation of Liability
All statements, technical information and recommendations contained in this document are based upon
tests or experience that 3M believes are reliable. However, many factors beyond 3M’s control can affect
the use and performance of a 3M product in a particular application, including the conditions under
which the product is used and the time and environmental conditions in which the product is expected to
perform. Since these factors are uniquely within the user’s knowledge and control, it is essential that the
user evaluate the 3M product to determine whether it is fit for a particular purpose and suitable for the
user’s method of application.
Product Use
Unless stated otherwise in 3M’s product literature, packaging inserts or product packaging for individual
products, 3M warrants that each 3M product meets the applicable specifications at the time 3M ships the
product. Individual products may have additional or different warranties as stated on product literature,
package inserts or product packages. 3M MAKES NO OTHER WARRANTIES, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS
FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY ARISING OUT OF A COURSE OF
DEALING, CUSTOM OR USAGE OF TRADE. User is responsible for determining whether the 3M product
is fit for a particular purpose and suitable for user’s application. If the 3M product is defective within the
warranty period, your exclusive remedy and 3M’s and seller’s sole obligation will be, at 3M’s option, to
replace the product or refund the purchase price.
Warranty and
Limited Remedy
3
Industrial Business
Industrial Adhesives and Tapes Division
3M Center, Building 21-1W-10, 900 Bush Avenue
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (fax)
www.3M.com/industrial



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com