Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99LD02Q505 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L99LD02Q505
Description  Automotive dual-phase boost DC/DC controller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99LD02Q505 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L99LD02Q505 Datasheet HTML 3Page - STMicroelectronics L99LD02Q505 Datasheet HTML 4Page - STMicroelectronics L99LD02Q505 Datasheet HTML 5Page - STMicroelectronics L99LD02Q505 Datasheet HTML 6Page - STMicroelectronics L99LD02Q505 Datasheet HTML 7Page - STMicroelectronics L99LD02Q505 Datasheet HTML 8Page - STMicroelectronics L99LD02Q505 Datasheet HTML 9Page - STMicroelectronics L99LD02Q505 Datasheet HTML 10Page - STMicroelectronics L99LD02Q505 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
DS12448 Rev 3
7/66
L99LD02
Introduction
64
1
Introduction
The L99LD02 is a dual-phase, constant frequency, current mode boost controller that drives
N-channel power MOSFETs providing a regulated voltage on BST_OUT pin.
The boost controllers of more devices can be stacked, in order to operate in multi-phase for
high power applications. Multi-phase operation is supported by SYNC I/O pin, providing the
phase shifted clock signal. Special care has been taken for the current balancing between
the different phases and for the switching activity of the boost MOSFETs with proper phase
shift.
The device offers a high level of flexibility, without any change of the external components,
thanks to its programmability through the ST SPI interface. This feature supports generic
platform approaches, which require a software configuration of several parameters.
Moreover, this robust interface offers a detailed diagnostic of the device itself.
The L99LD02 features a timeout watchdog, a monitoring of the watchdog counter and a
Limp Home function. The device is fully configurable in Limp Home through OTP bits,
allowing stand-alone operation.
The L99LD02 integrates a 10 V LDO to supply the gate drivers for standard level MOSFETs
and features a supply option from boost output to supply the device when battery level is not
enough to guarantee fully Ron external MOSFETs and to fulfill cold cranking requirement.
The input of the boost stage must be connected to the battery voltage through a reverse
polarity protection.
The output of the L99LD02 can reach up to 80 V. This allows system designers to drive LED
strings up to 60 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com