Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H3V3TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6986H3V3TR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H3V3TR Datasheet(HTML) 2 Page - STMicroelectronics

  L6986H3V3TR Datasheet HTML 1Page - STMicroelectronics L6986H3V3TR Datasheet HTML 2Page - STMicroelectronics L6986H3V3TR Datasheet HTML 3Page - STMicroelectronics L6986H3V3TR Datasheet HTML 4Page - STMicroelectronics L6986H3V3TR Datasheet HTML 5Page - STMicroelectronics L6986H3V3TR Datasheet HTML 6Page - STMicroelectronics L6986H3V3TR Datasheet HTML 7Page - STMicroelectronics L6986H3V3TR Datasheet HTML 8Page - STMicroelectronics L6986H3V3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
1
Application schematic
Figure 1. Application schematic
75k
330p
2.2p
signal GND
power GND
L6986H
10uH
20uF
10uF
1uF
470nF 68nF
10nF
240k
82k
uC RST
GND
VOUT
VIN
RST
1
VCC
2
SS/INH
3
SYNCH
4
FSW
5
MLF
6
COMP
7
DELAY
8
FB
9
SGND
10
11
PGND PGND
12
LX
13
LX
14
VIN
15
VBIAS
16
EP
17
L6986H
Application schematic
DS12905 - Rev 2
page 2/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com