Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986H5V Datasheet(PDF) 52 Page - STMicroelectronics

Part # L6986H5V
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986H5V Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L6986H5V Datasheet HTML 48Page - STMicroelectronics L6986H5V Datasheet HTML 49Page - STMicroelectronics L6986H5V Datasheet HTML 50Page - STMicroelectronics L6986H5V Datasheet HTML 51Page - STMicroelectronics L6986H5V Datasheet HTML 52Page - STMicroelectronics L6986H5V Datasheet HTML 53Page - STMicroelectronics L6986H5V Datasheet HTML 54Page - STMicroelectronics L6986H5V Datasheet HTML 55Page - STMicroelectronics L6986H5V Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 68 page
background image
Table 19. L6986H 3V3 demonstration board BOM
Reference
Part number
Description
Manufacturer
R7
0 R - 0603
R9, C7
Not mounted
R8
-
75 kΩ - 1% - 0603
C8
-
330 pF - 10 V - 0603
C4
-
2.2 pF - 10 V - 0603
J3
Open
U1
L6986H 3V3
3.3 V internal divider
STM
Table 20. L6986H 5V demonstration board BOM
Reference
Part number
Description
Manufacturer
R7
0 R - 0603
R9, C7
Not mounted
R7
-
0 Ω -0603
R8
-
100 kΩ - 1% - 0603
C8
-
330 pF - 10 V - 0603
C4
2.2 pF - 10 V - 0603
J3
Open
U1
L6986H 5V
5 V internal divider
STM
Table 21. L6986H adj. demonstration board BOM
Reference
Part number
Description
Manufacturer
R7
240 kΩ - 1% - 0603
C7
Not mounted
R9
-
82 kΩ - 1% - 0603
R8
-
75 kΩ - 1% - 0603
C8
-
330 pF - 10 V - 0603
C4
2.2 pF - 10 V - 0603
J3
Open
U1
L6986H
External divider (VOUT=3.3 V)
STM
Figure 53. Magnitude bode plot and Figure 54. Phase margin bode plot show the magnitude and phase margin
Bode plots related to the BOM of Table 21. L6986H adj. demonstration board BOM.
The small signal dynamic performance in this configuration is:
BW=55kHz
pℎase margin=60∘
(54)
L6986H
Application board
DS12905 - Rev 2
page 52/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com