Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

08656 Datasheet(PDF) 2 Page - 3M Electronics

Part # 08656
Description  Brushable SeamSealer Gray
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

08656 Datasheet(HTML) 2 Page - 3M Electronics

  08656 Datasheet HTML 1Page - 3M Electronics 08656 Datasheet HTML 2Page - 3M Electronics 08656 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
™ Brushable Seam Sealer Gray
08656
Typical Performance
Properties
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Brush Application
Non-Stringing
Tack Free Time @ 75°F
15 Minutes
Primed Metal Adhesion
Very Good
Salt Spray Resistance @ 1000 Hours
No Rust
Water Soak @ 2 Weeks
No Rust
Cold Temperature Flexibility @ -20°F
No Cracks
Directions for Use
NOTE: 3M Best Practice is that all sealers, unless designated specifically for use on
bare metal, be applied to properly prepared automotive paint or primer. Applying over
bare metal may not provide adequate corrosion protection.
Acid etch primer is not recommended to be used in direct contact with any
3M seam sealer. Residual acid can weaken the bond.
1. If applying to bare metal: Abrade the surface to remove all surface contaminates
exposing clean bare metal.
If applying to primer or paint: Scuff the surface with a fine grade abrasive or scuff
pad.
2. Wash the surface with an appropriate VOC compliant product for removal of surface
contaminants.
3. Open the quart can and brush/tool seam sealer onto desired surface. Be aware this is a
fast-drying sealer, be prepared to work quickly.
4. Tool or brush to desired appearance.
5. Wait to dry before applying paint over the sealer. Thicker applications of seam sealer
will take longer to cure before painting. Stated dry time is for 1/8 inch thickness.
Applications
A multipurpose, fast-drying seam sealer that is easily applied with a brush. Duplicates
OEM appearance in areas where a brushed seam sealer was originally used. A typical
application would be seams in the engine compartment since it is resistant to fuel and oil.
NOTE: This product is not desirable anywhere inside the passenger compartment of
the vehicle since it contains a solvent, which if not allowed to fully dry, can leave a
strong smell in the vehicle.
If a brushable sealer is needed in the passenger compartment or inside the trunk, a better
selection would be a one part, moisture cure, urethane product such as PN 08360, 08361,
08364 or a two part product such as PN 08308 or 08310.
Storage and
Handling
Store at room temperature. Rotate stock on a “first-in, first-out” basis. When stored at
the recommended conditions in original, unopened containers, this product has a shelf
life of 12 months. Always use in a well-ventilated area.
- 2 -



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com