Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS77 Datasheet(PDF) 2 Page - 3M Electronics

Part # PS77
Description  Scotch-Weld Pipe Sealant PS77
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PS77 Datasheet(HTML) 2 Page - 3M Electronics

  PS77 Datasheet HTML 1Page - 3M Electronics PS77 Datasheet HTML 2Page - 3M Electronics PS77 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Scotch-Weld Pipe Sealant PS77
February 2010
Additional Product
Information
Anaerobic adhesives only cure in the absence of air and with metal part activation.
Adhesive outside the joint will remain uncured and may be wiped away with a cloth.
PS77 is suitable for most straight and tapered pipe threads of medium to coarse
pitch, for pipe diameters from 15mm to 80mm. PS77 will not cure outside the joint
and is virtually non-fouling in most types of pipe systems. PS77 is not
recommended on certain plastics as stress cracking can sometimes result. Some
anti-corrosion chemicals inhibit the cure system in this type of anaerobic. Trials are
recommended to establish whether cleaning of the parts in necessary.
AC64 Activator may be required on plated parts.
Application
Techniques
Ensure parts are clean, dry and free from oil and grease.
Apply adhesive to all engaged threads, although to minimise excess adhesive
inside the joint, apply adhesive only to the male part, leaving the first two threads
clear. Assemble parts and allow to cure. Wipe excess adhesive from outside of
joint.
Heating the assembled parts accelerates the curing process.
AC64 Activator may be used to accelerate cure and should be used if the
application temperature is below 5ºC. The use of an accelerator may reduce the
final bond strength by up to 30%
Storage Conditions
Keep the adhesive in a cool, dry place away from direct sunlight. Under such
conditions shelf life at room temperature will be 12 months.
Refrigeration to 5◦C gives optimum storage stability.
Shelf Life
12 months from date of despatch by 3M when stored in the original carton at 21°C
Precautionary
Information
Refer to product label and material Safety Data Sheet for health and safety
information before using the product. For information please contact your local 3M
Office
…………
www.3M.com
For Additional
Information
To request additional information or to arrange for sales assistance, please see
below for contact details.
Important Notice
All statements, technical information and recommendations contained in this
document are based upon tests or experience that 3M believes are reliable.
However, many factors beyond 3M’s control can affect the use and performance of
a 3M product in a particular application, including the conditions under which the
product is used and the time and environmental conditions in which the product is
expected to perform. Since these factors are uniquely within the user’s knowledge
and control, it is essential that the user evaluate the 3M product to determine
whether it is fit for a particular purpose and suitable for the user’s method or
application. All questions of liability relating to this product are governed by the
terms of the sale subject, where applicable, to the prevailing law
Values presented have been determined by standard test methods and are average values not to be used for
specification purposes. Our recommendations on the use of our products are based on tests believed to be reliable but
we would ask that you conduct your own tests to determine their suitability for your applications.
This is because 3M cannot accept any responsibility or liability direct or consequential for loss or damage caused as a
result of our recommendations
Note
3M and Scotch-Weld are trademarks of the 3M Company.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com