Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC110MN Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC110MN
Description  Voltage Rating 30 to 120 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC110MN Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC110MN Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
2.1 oz (60g)
NEMA 3R,4X, & 12
Approved with use of ACC03.
Options
Please contact factory.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
-65° to +85° C
-40° to +85° C
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Knurled Nut
Operating Temperature
Dimensions: Inches (mm)
Panel Mounting
Storage Temperature
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Weight (Typical)
SC110MN
D
Mallory Sonalert Products,Inc.
Sales Outline Drawing
MILITARY UNIT
Specifications:
Loud
Frequency
Mode of Operation
Sound Level Category
Continuous
Housing Material
2900 ± 500 Hz
6/6 Nylon, Color: Black
6-24mA
Voltage Rating
Current Draw
30 to 120 VAC/DC
Loudness @ Min V
80 dB(A) @ 2 Feet and 30 Vac/dc
95 dB(A) @ 2 Feet and 120 Vac/dc
Loudness @ Max V


Similar Part No. - SC110MN

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC110M MSPI-SC110M Datasheet
56Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110MH MSPI-SC110MH Datasheet
56Kb / 1P
oltage Rating 30 to 120 VAC/DC
More results

Similar Description - SC110MN

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC110ER MSPI-SC110ER Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110FJR MSPI-SC110FJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110HJR MSPI-SC110HJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110HR MSPI-SC110HR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110JR MSPI-SC110JR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NJR MSPI-SC110NJR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NPR MSPI-SC110NPR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SC110NR MSPI-SC110NR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC/DC
LSC110NR MSPI-LSC110NR Datasheet
144Kb / 1P
Voltage Rating 30 to 120 VAC/DC
SCH110PR MSPI-SCH110PR Datasheet
56Kb / 1P
Voltage Rating 30 to 120 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com