Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC628MA Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # SC628MA
Description  Voltage Rating 6 to 28 VAC/DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

SC628MA Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  SC628MA Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
2.1 oz (60g)
NEMA 3R,4X, & 12
Approved with use of ACC03.
Options
Please contact factory.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
-65° to +85° C
-40° to +85° C
Used to attach part to panel. The max recommended torque is 10 in-lbs.
Knurled Nut
Operating Temperature
Dimensions: Inches (mm)
Panel Mounting
Storage Temperature
Recommended hole size is 1.25"(31.75mm). Thread front will fit standard 30mm(1.181") hole.
Weight (Typical)
SC628MA
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
MILITARY UNIT
Specifications:
Medium
Frequency
Mode of Operation
Sound Level Category
Continuous
Housing Material
2900 ± 500 Hz
6/6 Nylon, Color: Black
6-23mA
Voltage Rating
Current Draw
6 to 28 VAC/DC
Loudness @ Min Vdc
70 dB(A) @ 2 Feet and 6 Vdc
85 dB(A) @ 2 Feet and 28 Vdc
Loudness @ Max Vdc


Similar Part No. - SC628MA

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628MAH MSPI-SC628MAH Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
More results

Similar Description - SC628MA

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC628ADJR MSPI-SC628ADJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADPR MSPI-SC628ADPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ADR MSPI-SC628ADR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AEJR MSPI-SC628AEJR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AFPR MSPI-SC628AFPR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AKR MSPI-SC628AKR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628ANJR MSPI-SC628ANJR Datasheet
89Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628APR MSPI-SC628APR Datasheet
52Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628AN-BTR MSPI-SC628AN-BTR Datasheet
84Kb / 1P
Voltage Rating 6 to 28 VAC/DC
SC628MAH MSPI-SC628MAH Datasheet
34Kb / 1P
Voltage Rating 6 to 28 VAC/DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com