Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4 Datasheet(PDF) 2 Page - 3M Electronics

Part # PM4
Description  3M Fire Barrier Packing Material PM4
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

PM4 Datasheet(HTML) 2 Page - 3M Electronics

  PM4 Datasheet HTML 1Page - 3M Electronics PM4 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4. Physical Properties
Color:
Greenish Gray
Density:
Nominal 8 PCF (128 kg/m3)
Dimensions: 1/2 in. thick x 4 in. wide x 20.5 ft. length (12.7mm x 101.6mm x 6.24m)*
*4 in. (101.6mm) width meets or exceeds most UL-listed 3M Firestop System parameters.
Surface Burning Characteristics: Flame Spread: 0
Smoke Development: 0
Important Notice to User:
Technical Information: The technical information, recommendations and other statements contained in this document are subject to change, the accuracy or completeness of
such information is not guaranteed.
Product Use: Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and performance of
a 3M product in a particular application. Given the variety of factors that can affect the use and performance of a 3M product, user is solely responsible for evaluating the 3M
product and determining whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty and Limited Remedy: 3M warrants that each 3M Fire
Protection Product will be free from defects in material and manufacture for 90 days from the date of purchase from 3M’s authorized distributor. 3M MAKES NO OTHER EXPRESS
OR IMPLIED WARRANTIES, INCLUDING ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If a 3M product does not conform to this
warranty, the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund of the purchase price.
Limitation of Liability: Except where prohibited by
law, 3M will not be liable for any loss or damage arising from the 3M product, whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted.
Building and Commercial
Services Division
3M Center, Building 223-2N-21
St. Paul, MN 55144-1000 USA
1-800-328-1687
www.3M.com/firestop
3M is a trademark of 3M. Used under license in Canada.
All other trademarks are the property of their respective owners.
Please Recycle. Printed in U.S.A.
© 3M 2013. All rights reserved.
98-0213-4360-7
5. Packaging, Storage and Shelf Life
Packaging: Individually shrink-wrapped bulk rolls, 5 rolls per case.
Storage:
3M™ Fire Barrier Packing Material PM4 must be stored in a dry warehouse environment. Pallets should not be stacked.
Shelf Life: 3M™ Fire Barrier Packing Material PM4 shelf life is indefinite when stored in original unopened packaging in a dry warehouse environment.
6. Installation Techniques
Consult a 3M Authorized Fire Protection Products Distributor /Dealer or Sales Representative for applicable drawings and details.
3M™ Fire Barrier Packing Material PM4 should be installed in accordance with the following installation guide.
Material and Equipment: 3M™ Fire Barrier Packing Material PM4, Putty Knife (if needed) and Protective Gloves.
Preparatory Work:
The surfaces of all openings and penetrating items need to be clean, dry, frost free and free of dust.
Installation Details:
Dispense the packing material by pulling it through the center opening of the package. Tear or cut-off the packing material
once the desired length is extracted from the packaging.
If the pipe is centered within the opening, coil the packing material around the penetrating item and then slide it down into
the opening. The material should be positioned so the 4 in. (101.6mm) width is facing either the penetrating item or the
sides of the opening. In openings where the penetrating item(s) are installed off-center, the packing material should be coiled
around the penetrating items until the nearest edge of the opening is reached. All remaining open space should be filled with
strips or coils of packing material until the entire opening is filled.
An installation method that is especially suited for large and/or rectangular openings is to install the material in a continuous
accordion pattern. For a wall opening, a beginning course of material is installed along the bottom of the opening. When the
material reaches the edge of the opening, fold the material back over itself and then continue on in the opposite direction.
Repeat this zigzag pattern until the opening is completely filled up. When required, after the 3M™ Fire Barrier Packing
Material PM4 installation is complete, finish the overall firestop installation by applying the required depth of 3M™ Fire
Barrier Sealant per the applicable system details.
Limitations:
3M™ Fire Barrier Packing Material PM4 is not intended for use in perimeter joints or other construction joint applications.
7. Maintenance Nomaintenanceshouldberequiredwhenmaterialisinstalledinaccordancewith3M™ FireBarrierPackingMaterialPM4
Installation Techniques (listed above).
8. Availability 3M™ FireBarrierPackingMaterialPM4isavailablefrom3MAuthorizedFireProtectionProductsDistributorsandDealers.
Product is available in bulk rolls, 1/2 in. x 4 in. x 20.5 ft. (12.7mm 101.6mm x 6.24m), 5 rolls/case (Minimum one case order; Half-pallet, one-pallet and
large volume discounts available). For additional technical and purchasing information regarding this and other 3M Fire Protection Products, please call:
1-800-328-1687 or visit www.3M.com/firestop.
9. Safe Handling Information ConsultMaterialSafetyDataSheet(MSDS)priortohandlinganddisposingof3M™ FireBarrier
Packing Material PM4. Consult Material Safety Data Sheet (MSDS) of any 3M™ Fire Barrier Sealant used in conjunction with this product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com