Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1815 Datasheet(PDF) 2 Page - 3M Electronics

Part # L1815
Description  Cushion-Mount™ Plus Plate Mounting Tapes with Easy Mount Adhesive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

L1815 Datasheet(HTML) 2 Page - 3M Electronics

  L1815 Datasheet HTML 1Page - 3M Electronics L1815 Datasheet HTML 2Page - 3M Electronics L1815 Datasheet HTML 3Page - 3M Electronics L1815 Datasheet HTML 4Page - 3M Electronics L1815 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3M
™ Cushion-Mount™Plus Plate Mounting Tapes with Easy Mount Adhesive
L1815 • L1715 • L1515 • L1015 • L1315 • L1915 • L1915S • L1215 • L1115
L1820 • L1720 • L1520 • L1020 • L1320 • L1920 • L1920S • L1220 • L1120
Typical Physical Properties
and Performance
Characteristics
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purposes.
Product
3M
™ Cushion-Mount™ Plus
Firm Combination
Plate Mounting Tapes
3M
™ Cushion-Mount™ Plus
Medium Firm Combination
Plate Mounting Tapes
3M
™ Cushion-Mount™
Plus Medium Combination
Plate Mounting Tapes
L1815
L1820
E1820
L1715
L1720
E1720
L1515
L1520
E1520
Adhesive
Differential Acrylate
Differential Acrylate
Differential Acrylate
Polyethylene Carrier
Firm Blue Foam
Medium Firm Teal Foam
Medium Purple Foam
Type of Printing
Combination of solid and line with
minimal tone reproduction
Combination of solid and line
with tone reproduction and
fine reverses
Combination of solid and
line with tone reproduction
and fine reverses
Application Thickness
in
(mm)
0.015
(0.0381)
0.020
(0.508)
0.015
(0.0381)
0.020
(0.508)
0.015
(0.0381)
0.020
(0.508)
Thickness
Tape
in
(mm)
Film Liner
in
(mm)
Lot to Lot Tolerance
in
(mm)
Typical Application Area
in
Caliper Variation
(mm)
0.017
(0.432)
0.022
(0.559)
0.017
(0.432)
0.022
(0.559)
0.017
(0.432)
0.022
(0.559)
0.0045
(0.114)
0.0045
(0.114)
0.0045
(0.114)
0.0045
(0.114)
0.0045
(0.114)
0.0045
(0.114)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0015
(±0.038)
±0.0004
(±0.010)
±0.0004
(±0.010)
±0.0004
(±0.010)
±0.0004
(±0.010)
±0.0004
(±0.010)
±0.0004
(±0.010)
Roll Length
yd
(m)
25
(22.9)
25
(22.9)
25
(22.9)
25
(22.9)
25
(22.9)
25
(22.9)
Maximum Width
in
(mm)
54
(1371.6)
54
(1371.6)
54
(1371.6)
54
(1371.6)
54
(1371.
6)
54
(1371
.6)
Minimum Width
in
(mm)
2
(50.8)
2
(50.8)
2
(50.8)
2
(50.8)
2
(50.8)
2
(50.8)
Slitting Tolerance
in
(mm)
±1/32
(±0.794)
±1/32
(±0.794)
±1/32
(±0.794)
±1/32
(±0.794)
±1/32
(±0.794)
±1/32
(±0.794)
Density
lb/ft
3
(kg/m3)
32
(512)
32
(512)
30
(480)
30
(480)
29
(465)
29
(465)
Compression Deflection
10% Compression
lb/in
2
(kPa)
25% Compression
lb/in
2
(kPa)
35
(241)
35
(241)
30
(207)
30
(207)
26
(180)
26
(180)
60
(414)
60
(414)
50
(345)
50
(345)
40
(276)
40
(276)
Durometer ASTM-D2240
Shore A
72
72
68
68
67
67
Peel Adhesion (Modified ASTM-D3330)
Non-linered side -
oz/in
Stainless Steel
(N/100mm)
Non-linered side -
oz/in
Composite Sleeve
(N/100mm)
Non-linered side -
oz/in
Polyester
(N/100mm)
Non-linered side -
oz/in
Urethane - A
(N/100mm)
Non-linered side -
oz/in
Urethane - B
(N/100mm)
55
(60)
55
(60)
55
(60)
55
(60)
55
(60)
55
(60)
65
(71)
65
(71)
65
(71)
65
(71)
65
(71)
65
(71)
68
(75)
68
(75)
68
(75)
68
(75)
68
(75)
68
(75)
70
(77)
70
(77)
70
(77)
70
(77)
70
(77)
70
(77)
60
(66)
60
(66)
55
(60)
55
(60)
55
(60)
55
(60)
Peel Adhesion (Modified ASTM-D3330)
Linered side -
oz/in
Photopolymer
(N/100mm)
15
(16)
15
(16)
15
(16)
15
(16)
15
(16)
15
(16)
Solvent Resistance
Water
Alkanes
Alcohols
Acetates
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Excellent
Excellent
Good
Fair
Heat Resistance
°F
(°C)
120
(49)
120
(49)
120
(49)
120
(49)
120
(49)
120
(49)
- 2 -



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com