Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP596 Datasheet(PDF) 5 Page - 3M Electronics

Part # AP596
Description  Adhesion Promoter/Primer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AP596 Datasheet(HTML) 5 Page - 3M Electronics

  AP596 Datasheet HTML 1Page - 3M Electronics AP596 Datasheet HTML 2Page - 3M Electronics AP596 Datasheet HTML 3Page - 3M Electronics AP596 Datasheet HTML 4Page - 3M Electronics AP596 Datasheet HTML 5Page - 3M Electronics AP596 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3M
™ Adhesion Promoter/Primer
• Adhesion Promoter AP596 • All Purpose Primer P591 • Metal Primer P592
- 5 -
Directions for Use
(continued)
•
Applicator gun
•
Nozzle(s)
•
Substrates
•
Personal protective gear (safety glasses, powder-free gloves,
etc) Clean entire surface of substrates using a solvent or non-
greasy cleaner.
Apply 3M™ Adhesion Promoter AP596 to both substrates: Pour 3M AP596 Adhesion Promoter onto a soft
lint-free cloth folded in quarters. Wipe the bonding area, flipping the cloth at regular intervals to reveal a clean
section. With a new clean folded cloth, wipe off the 3M AP596 Adhesion Promoter in the same manner,
flipping the cloth at regular intervals to reveal a clean section. Wait 15 minutes to dry.
Apply appropriate 3M™ Primer to both substrates: Shake appropriate 3M Primer for 30 seconds after you
hear the ball moving inside the bottle. Dip a clean wool dauber into the primer. Roll the dauber around the
edge of the bottle to squeeze out excess primer. Replace cover on primer bottle. Apply a single continuous
layer of primer to the surface. Wait 30 minutes to dry.
Refer to the Instructions for Use for the appropriate adhesive/sealant chosen and proceed accordingly.
Cleanup: Use a solvent such as MEK to clean up any excess primer.
Application Equipment
for 3M™ Primer
Wool dauber is recommended for applying 3M Primers. Use of a paint brush or other
method of application is not recommended because there will be voids in the coating
after application. Any voids will cause a defect in the coating and will affect bond
quality. Contact your 3M Sales Representative for information on ordering Wool
Daubers.
Storage
3M™ Adhesion Promoter AP596 and 3M™ Primers P591 and P592 must be stored
in an appropriate climate controlled space suitable for
flammable materials. Store the products in the original unopened containers below
77°F (25°C) to maximize shelf life.
Shelf Life
When stored at recommended conditions, the shelf life is 12 months from the date of
manufacture. After opening, the 3M AP596 Adhesion Promoter must be used within
30 days (if the product begins to turn cloudy, dispose of properly). After opening
the 3M Primers P591 and P592, they must be used within 7 days (the viscosity will
increase with each exposure to air).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com