Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24128X-FCU Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24128X-FCU
Description  128-Kbit serial I²C bus EEPROM with configurable device address and software write protection, delivered in 4-ball CSP
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128X-FCU Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24128X-FCU Datasheet HTML 9Page - STMicroelectronics M24128X-FCU Datasheet HTML 10Page - STMicroelectronics M24128X-FCU Datasheet HTML 11Page - STMicroelectronics M24128X-FCU Datasheet HTML 12Page - STMicroelectronics M24128X-FCU Datasheet HTML 13Page - STMicroelectronics M24128X-FCU Datasheet HTML 14Page - STMicroelectronics M24128X-FCU Datasheet HTML 15Page - STMicroelectronics M24128X-FCU Datasheet HTML 16Page - STMicroelectronics M24128X-FCU Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
6.2
Write operations on chip enable register
Write operations on chip enable register are performed independently of the state software write protect bit
(SWP) .
Following a start condition the bus master sends a device select code with the R/W bit (RW) set to 0. The device
acknowledges this, as shown in Figure 8, and waits for the address bytes where the register is located. The
device responds to each address byte with an acknowledge bit, and then waits for the data byte.
In order to write the chip enable register, address bytes must have A15 bit set to 1, all other bits A14 to A0 being
don't care.
Table 7. Address of the chip enable register
A15 (1)
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
1
X (2)
X
X
X
X
X
X
X
X
X
X
X
X
X
X
1. MSB A15 is sent first.
2. X means Don’t Care bits.
When the bus master generates a stop condition immediately after the data byte ACK bit (in the “10th bit” time
slot), the internal write cycle tW is triggered. A stop condition at any other time slot does not trigger the internal
write cycle.
During the internal write cycle, serial data (SDA) is disabled internally, and the device does not respond to any
requests (NoACK).
If the three bits C2, C1 and C0 have been re-configured with a correct write command, the device will
acknowledge if the chip enable address of the device select code is equal to the new values of C2, C1 and C0,
otherwise NoACK.
Sending more than one byte will abort the write cycle (chip enable register content will not be changed).
Figure 8. Write on chip enable register
Byte Write
Dev sel
Byte addr
Byte addr
Data in
MSv45963V1
ACK
RW
ACK
ACK
ACK
M24128X-FCU
Write operations on chip enable register
DS12680 - Rev 2
page 13/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com