Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1601IPFBT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1601IPFBT
Description  16-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1601IPFBT Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS1601IPFBT Datasheet HTML 9Page - Texas Instruments ADS1601IPFBT Datasheet HTML 10Page - Texas Instruments ADS1601IPFBT Datasheet HTML 11Page - Texas Instruments ADS1601IPFBT Datasheet HTML 12Page - Texas Instruments ADS1601IPFBT Datasheet HTML 13Page - Texas Instruments ADS1601IPFBT Datasheet HTML 14Page - Texas Instruments ADS1601IPFBT Datasheet HTML 15Page - Texas Instruments ADS1601IPFBT Datasheet HTML 16Page - Texas Instruments ADS1601IPFBT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
80
70
60
50
40
30
20
10
0
-40
-15
10
35
60
85
Temperature(°C)
I
(
=low
AVDD REFEN
)
I
(
=high)
AVDD REFEN
R
=6
f
=
BIAS
CLK
0k ,
W
20MHz
I
+I
DVDD
IOVDD
80
70
60
50
40
30
20
10
0
0
5
10
15
20
25
ClockFrequency, f
(MHz)
CLK
I
(
=low)
AVDD REFEN
I
(
=high)
AVDD REFEN
R
=
BIAS
60kW
I
+I
IOVDD
DVDD
70
60
50
40
30
20
10
0
50
100
150
200
250
300
R
BIAS (kW)
I
(
AVDD REFEN =low)
I
AVDD REFEN
(
=high)
f
=
CLK
20MHz
100
95
90
85
80
75
70
-40
-15
10
35
60
85
Temperature(°C)
V
=
IN
-1dB
V
=
IN
-6dB
V
=
IN
-10dB
f
=10
IN
0kHz
-40
-15
10
35
60
85
Temperature(°C)
V
=
IN
-1dB
V
=
IN
-6dB
V
=
IN
-10dB
f
=100kH
IN
z
-80
-90
-100
-110
-120
-40
-15
10
35
60
85
Temperature(°C)
V
=
IN
-6dB
V
=
IN
-10dB
V
=
IN
-1dB
f
=
IN
100kHz
120
110
100
90
80
ADS1601
www.ti.com
SBAS322D
– DECEMBER 2004 – REVISED OCTOBER 2011
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = +25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 20MHz, VREF = +3V, VCM = +2.7V, and
RBIAS = 60kΩ, unless otherwise noted.
POWER-SUPPLY CURRENT vs TEMPERATURE
SUPPLY CURRENT vs CLOCK FREQUENCY
Figure 27.
Figure 28.
ANALOG SUPPLY CURRENT vs RBIAS
SIGNAL-TO-NOISE RATIO vs TEMPERATURE
Figure 29.
Figure 30.
TOTAL HARMONIC DISTORTION vs TEMPERATURE
SPURIOUS-FREE DYNAMIC RANGE vs TEMPERATURE
Figure 31.
Figure 32.
Copyright
© 2004–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com