Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMA6T10AY Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMA6T10AY
Description  Automotive 600 W TVS in SMA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6T10AY Datasheet(HTML) 3 Page - STMicroelectronics

  SMA6T10AY Datasheet HTML 1Page - STMicroelectronics SMA6T10AY Datasheet HTML 2Page - STMicroelectronics SMA6T10AY Datasheet HTML 3Page - STMicroelectronics SMA6T10AY Datasheet HTML 4Page - STMicroelectronics SMA6T10AY Datasheet HTML 5Page - STMicroelectronics SMA6T10AY Datasheet HTML 6Page - STMicroelectronics SMA6T10AY Datasheet HTML 7Page - STMicroelectronics SMA6T10AY Datasheet HTML 8Page - STMicroelectronics SMA6T10AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Table 2. Electrical characteristics (Tamb = 25 °C, unless otherwise specified)
Order code
IRM max at VRM
VBR at IBR
10 / 1000 µs
8 / 20µs
αT(1)
VCL(2) IPP(3)
RD
VCL(2) IPP(3)
RD
25 °C 85 °C
Min. Typ. Max.
Max.
Max.
Max.
Max.
Max.
µA
V
V
mA
V
A
Ω
V
A
Ω
10-4/°C
SMA6T6V7AY/CAY
20
50
5.00 6.40 6.70
7.10
10
9.10
68.0
0.029
14.4
275
0.027
5.7
SMA6T7V6AY/CAY
20
50
6.50 7.20 7.60
8.0
10
10.2
56.0
0.040
15.2
266
0.027
6.1
SMA6T10AY/CAY
20
50
8.60 9.50 10.0
10.5
1
14.5
41.0
0.098
18.6
215
0.038
7.3
SMA6T12AY/CAY
0.2
1
10.2 11.4 12.0
12.6
1
16.7
36.0
0.114
21.7
184
0.049
7.8
SMA6T14AY/CAY
0.2
1
12.0 13.3 14.0
14.7
1
18.8
31.0
0.133
23.5
157
0.056
8.3
SMA6T15AY/CAY
0.2
1
12.8 14.3 15.0
15.8
1
21.2
28.0
0.193
27.2
147
0.078
8.4
SMA6T18AY/CAY
0.2
1
15.3 17.1 18.0
18.9
1
25.2
24.0
0.263
32.3
123
0.111
8.8
SMA6T22AY/CAY
0.2
1
18.8 20.9 22.0
23.1
1
30.6
20.0
0.375
39.3
102
0.159
9.2
SMA6T24AY/CAY
0.2
1
20.5 22.8 24.0
25.2
1
33.2
18.0
0.444
42.8
93.0
0.189
9.4
SMA6T28AY/CAY
0.2
1
24.0 26.7 28.1
29.5
1
37.8
16.0
0.516
44.3
80.0
0.184
9.6
SMA6T30AY/CAY
0.2
1
25.6 28.5 30.0
31.5
1
41.5
14.5
0.690
53.5
75.0
0.293
9.7
SMA6T33AY/CAY
0.2
1
28.2 31.4 33.0
34.7
1
45.7
13.1
0.840
59.0
68.0
0.357
9.8
SMA6T36AY/CAY
0.2
1
30.8 34.2 36.0
37.8
1
49.9
12.0
1.06
64.3
62.0
0.437
9.9
SMA6T39AY/CAY
0.2
1
33.3 37.1 39.0
41.0
1
53.9
11.1
1.16
69.7
57.0
0.504
10.0
SMA6T47AY/CAY
0.2
1
40.0 44.4 46.7
49.1
1
62.8
9.70
1.42
73.6
48.0
0.511
10.1
SMA6T56AY/CAY
0.2
1
47.6 53.2 56.0
58.8
1
76.6
7.80
2.28
100
40.0
1.030
10.0
SMA6T68AY/CAY
0.2
1
58.1 64.6 68.0
71.4
1
92.0
6.50
3.17
121
33.0
1.50
10.4
SMA6T82AY/CAY
0.2
1
70.0 77.8 81.9
86.0
1
110
5.50
4.38
146
27.0
2.22
10.5
1. To calculate VBR or VCL versus junction temperature, use the following formulas:
•
VBR at TJ = VBR at 25 °C x (1 + αT x (TJ - 25))
•
VCL at TJ = VCL at 25 °C x (1 + αT x (TJ-25))
2. To calculate maximum clamping voltage at other surge level, use the following formula:
•
VCLmax = VBR max + RD x IPPappli where IPPappli is the surge current in the application
3. Surge capability given for both directions for unidirectional and bidirectional types.
SMA6TY
Characteristics
DS6931 - Rev 8
page 3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com