Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715CR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST715CR
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715CR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST715CR Datasheet HTML 16Page - STMicroelectronics ST715CR Datasheet HTML 17Page - STMicroelectronics ST715CR Datasheet HTML 18Page - STMicroelectronics ST715CR Datasheet HTML 19Page - STMicroelectronics ST715CR Datasheet HTML 20Page - STMicroelectronics ST715CR Datasheet HTML 21Page - STMicroelectronics ST715CR Datasheet HTML 22Page - STMicroelectronics ST715CR Datasheet HTML 23Page - STMicroelectronics ST715CR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Packaging mechanical data
ST715
22/24
DocID14414 Rev 15
Table 13. DFN8 (3x3 mm) tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A
180
C
12.8
13.2
D
20.2
N
60
T
14.4
Ao
3.3
Bo
3.3
Ko
1.1
Po
4
P
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com