Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST715C33R Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST715C33R
Description  High input voltage, 85 mA LDO linear regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715C33R Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST715C33R Datasheet HTML 10Page - STMicroelectronics ST715C33R Datasheet HTML 11Page - STMicroelectronics ST715C33R Datasheet HTML 12Page - STMicroelectronics ST715C33R Datasheet HTML 13Page - STMicroelectronics ST715C33R Datasheet HTML 14Page - STMicroelectronics ST715C33R Datasheet HTML 15Page - STMicroelectronics ST715C33R Datasheet HTML 16Page - STMicroelectronics ST715C33R Datasheet HTML 17Page - STMicroelectronics ST715C33R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Package mechanical data
ST715
14/24
DocID14414 Rev 15
Figure 16. SOT23-5L recommended footprint (dimensions in mm)
Table 8. SOT23-5L mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.90
1.45
A1
0
0.15
A2
0.90
1.30
b
0.30
0.50
c
2.09
0.20
D
2.95
E
1.60
e
0.95
H
2.80
L
0.30
0.60
q
0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com