Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT09 Datasheet(PDF) 3 Page - 3M Electronics

Part # RT09
Description  Scotch-WeldTM Retaining Compound Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RT09 Datasheet(HTML) 3 Page - 3M Electronics

  RT09 Datasheet HTML 1Page - 3M Electronics RT09 Datasheet HTML 2Page - 3M Electronics RT09 Datasheet HTML 3Page - 3M Electronics RT09 Datasheet HTML 4Page - 3M Electronics RT09 Datasheet HTML 5Page - 3M Electronics RT09 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3MTM Scotch-WeldTM
Retaining Compound Anaerobic Adhesives
RT09 • RT20G • RT38 • RT41 • RT48
Typical cured
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purpose
RT09
RT20G
RT38
RT41
RT48
Breakaway*
Torque (in.lb)
230a (≥175)b
225a (195-425)b
275a (175-440)b
90a (60-130)b
195a (160-350)
Prevailing*
Torque (in.lb)
260a (≥220)b
305a (140-440)b
285a (90-485)b
90a (70-105)b
300a (95-400)
Compressive**
Shear (psi)
3770a
3475a
5300a
2950a
4970a
Temperature
Range (oF)
-65 to 300
-65 to 400
-65 to 300
-65 to 300
-65 to 300
*Reference ISO 10964 3/8 – 16” steel nuts and bolts.
To convert to (N.m) divide (in.lb) by 8.851.
** Reference ISO 10123 Steel pins (grit blasted) and collars
a Typical value;
b Range
Hot Strength (measured at temperature)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com