Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT41 Datasheet(PDF) 2 Page - 3M Electronics

Part # RT41
Description  Scotch-WeldTM Retaining Compound Anaerobic Adhesives
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

RT41 Datasheet(HTML) 2 Page - 3M Electronics

  RT41 Datasheet HTML 1Page - 3M Electronics RT41 Datasheet HTML 2Page - 3M Electronics RT41 Datasheet HTML 3Page - 3M Electronics RT41 Datasheet HTML 4Page - 3M Electronics RT41 Datasheet HTML 5Page - 3M Electronics RT41 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3MTM Scotch-WeldTM
Retaining Compound Anaerobic Adhesives
RT09 • RT20G • RT38 • RT41 • RT48
Typical
Uncured
Physical
Properties
Note: The following technical information and data should be considered
representative or typical only and should not be used for specification purpose
RT09
RT20G
RT38
RT41
RT48
Chemistry
Dimethacrylate
Color
Green
Green
Green
Yellow
Green
Appearance
Liquid
Liquid
Liquid
Liquid
Liquid
Viscosity (cP)
90 - 140 1
10,000-30,000 2
5,000-10,000 3
1,600-3,300 4
400-800 5
400-800 6
Fixture time
(min)
25 a (≤35) b
10 a (≤15) b
15 a (≤20) b
25 a (≤30) b
15 a (≤20) b
Full Cure time
(hours)
24
24
24
24
24
1 Brookfield Viscometer spindle LVF#1 at 12 rpm;
2 Brookfield Viscometer spindle RTV#4 at 2.5 rpm
3 Brookfield Viscometer spindle RTV#4 at 20 rpm;
4 Brookfield Viscometer spindle #3 at 20 rpm
5 Brookfield Viscometer spindle #2 at 20 rpm;
6 Brookfield Viscometer spindle RTV#2 at 20 rpm
a Average time;
b Range;
c Not available in North and South Americas



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com