Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC649 Datasheet(PDF) 3 Page - 3M Electronics

Part # AC649
Description  3M™ Scotch-Weld™ Activator AC649
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AC649 Datasheet(HTML) 3 Page - 3M Electronics

  AC649 Datasheet HTML 1Page - 3M Electronics AC649 Datasheet HTML 2Page - 3M Electronics AC649 Datasheet HTML 3Page - 3M Electronics AC649 Datasheet HTML 4Page - 3M Electronics AC649 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Scotch-Weld™ Activator AC649
Typical Physical Properties (continued)
Property
Values
Speci c Gravity
0.79 g/mL
Appearance
Liquid
Handling/Application Information
Directions for Use
Not recommended for 3M™ Gasket Makers due to up to 20% loss in strength.
1. Ensure parts are clean, dry and free from oil and grease.
2. Apply to one or both bonbon surfaces.*
~3. Allow parts to dry completely (30-60 seconds). Activator-coated parts may be held up to their on-part life but
surface contamination must be avoided.
4. Apply a 3MTM Scotch-Weld™ Anaerobic Adhesive to one or both parts making sure there is su cient product
coverage.
5. Assemble immediately, moving surfaces back and forth to ensure full distribution of the adhesive.
6. Secure the assembly until xtured.
*When using solvents and/or aerosols, extinguish all ignition sources, including pilot lights, and follow the
manufacturer’s precautions and directions for use.
Caution: Never mix adhesives and activator/primer liquids together.
Storage and Shelf Life
Store product in cool, dry area out of direct sunlight.
Product retains its performance and properties for 21 months from date of manufacture when stored at 60° to 80°F
(16° to 27°C) in the original unopened container.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Scotch-Weld-Anaerobic-
Activator-AC649?N=5002385+3293241324&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=AC649



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com