Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9425HT Datasheet(PDF) 2 Page - 3M Electronics

Part # 9425HT
Description  3M Repositionable Tapes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9425HT Datasheet(HTML) 2 Page - 3M Electronics

  9425HT Datasheet HTML 1Page - 3M Electronics 9425HT Datasheet HTML 2Page - 3M Electronics 9425HT Datasheet HTML 3Page - 3M Electronics 9425HT Datasheet HTML 4Page - 3M Electronics 9425HT Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Typical Physical
Properties
Product
3M™
3M™
3M™
3M™
3M™
3M™
3M™
Repositionable Repositionable Repositionable Repositionable Repositionable Repositionable Repositionable
Tape 665
Tape 666
Tape 9415PC
Tape 9416
Tape 9425
Tape 9425HT
Tape 9449S
Adhesion to Steel:
(ASTM D3330, 180° peel
modified, 72 hour dwell)
Faceside
25 oz./in.
23 oz./in.
50 oz./in.
50 oz./in.
45 oz./in.
45 oz./in.
5 oz./in.*
(27 N/100 mm)
(25 N/100 mm)
(54 N/100 mm)
(54 N/100 mm)
(49 N/100 mm)
(49 N/100 mm)
(9 N/100 mm)
Backside
23 oz./in.
25 oz./in.
3 oz./in.
3 oz./in.
12 oz./in.
12 oz./in.
—
(25 N/100 mm)
(27 N/100 mm) (5.4 N/100 mm) (5.4 N/100 mm)
(13 N/100 mm)
(13 N/100 mm)
Relative High Temperature
Operating Ranges:
125°F (52°C)
125°F (52°C)
158°F (70°C)
158°F (70°C)
125°F (52°C)
250°F (121°C)
158°F (70°C)
Relative Solvent Resistance:
Good
Good
Fair
Fair
Good
Good
Fair
U.V. Resistance:
Excellent
Excellent
Good
Good
Excellent
Excellent
Good
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Repositionable Tapes
665 • 666 • 9415PC • 9416 • 9425 • 9425HT • 9449S
Available Sizes
Product
3M tape
3M tape
3M tape
3M tape
3M tape
3M tape
3M tape
665
666
9415PC
9416
9425
9425HT
9449S
Available Lengths (Subject to Minimum Order Requirements):
Standard
72 yds.
72 yds.
72 yds.
72 yds.
72 yds.
72 yds.
72 yds.
(65.8 m)
(65.8 m)
(65.8 m)
(65.8 m)
(65.8 m)
(65.8 m)
(65.8 m)
Maximum In:
1/4" to 5/16" widths
108 yds.
72 yds.
144 yds.
144 yds.
72 yds.
72 yds.
144 yds.
(98.8 m)
(65.8 m)
(132 m)
(132 m)
(65.8 m)
(65.8 m)
(132 m)
3/8" to 7/16" widths
288 yds.
108 yds.
144 yds.
144 yds.
144 yds.
144 yds.
144 yds.
(263 m)
(98.8 m)
(132 m)
(132 m)
(132 m)
(132 m)
(132 m)
1/2" to 3" widths
288 yds.
108 yds.**
432 yds.
360 yds.
450 yds.
288 yds.
360 yds.
(263 m)
(98.8 m)
(395 m)
(329 m)
(411 m)
(263 m)
(329 m)
Greater than 3"
288 yds.
108 yds.
432 yds.
360 yds.
288 yds.
288 yds.
360 yds.
(263 m)
(98.8 m)
(395 m)
(329 m)
(263 m)
(263 m)
(329 m)
Available Widths (Subject to Minimum Order Requirements):
Minimum
1/4 in.
1/4 in.
1/4 in.
1/4 in.
1/4 in.
1/4 in.
1/4 in.
(25.4 mm)
(25.4 mm)
(25.4 mm)
(25.4 mm)
(25.4 mm)
(25.4 mm)
(25.4 mm)
Maximum
46 in.
46 in.
47 in.
47 in.
48 in.
48 in.
48 in.
(1168 mm)
(1168 mm)
(1194 mm)
(1194 mm)
(1219 mm)
(1219 mm)
(1219 mm)
Normal Slitting Tolerance:
± 1/32 in.
± 1/32 in.
± 1/32 in.
± 1/32 in.
± 1/32 in.
± 1/32 in.
± 1/32 in.
(0.8 mm)
(0.8 mm)
(0.8 mm)
(0.8 mm)
(0.8 mm)
(0.8 mm)
(0.8 mm)
Core Size (ID):
3.0 in.
3.0 in.
3.0 in.
3.0 in.
3.0 in.
3.0 in.
3.0 in.
(76.2 mm)
(76.2 mm)
(76.2 mm)
(76.2 mm)
(76.2 mm)
(76.2 mm)
(76.2 mm)
- 2 -
*3M tape 9449 tested with 90 degree peel using 2 mil polyester backing.
**Liner of 3M tape 666 will be skip slit within these width limits unless otherwise noted in the special instruction section of your order.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com