Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCNL247P Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCNL247P
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCNL247P Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCNL247P Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCNL247P Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCNL247P Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
ISCNL247P
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
100
V
VGS(th)
Gate Threshold Voltage
VDS= 5V; ID= 0.25mA
1.4
2.4
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 15A
VGS= 4.5V; ID= 10A
19
28
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 100V; VGS= 0
VDS= 100V; VGS= 0@TJ= 100℃
1
100
μ
A
VSD
Forward On-Voltage
IS= 15A; VGS= 0
1.2
V
gfs
Transconductance
VDS=5V, ID=15A
42
S
Qg (10V)
Total Gate Charge
VDD=50V, ID=15A, VGS=10V
16
nC
Qg (4.5V)
Total Gate Charge
9
Qgs
Gate to Source Charge
3
Qgd
Gate to Drain (Miller) Charge
3
Ciss
Input Capacitance
VGS=0V, VDS=50V, f=1MHz
840
pF
Coss
Output Capacitance
147
Crss
Reverse Transfer Capacitance
4.9
td(on)
Turn on Delay Time
VDD=50V, ID=15A, VGS=10V,
RG=10Ω
6
ns
tr
Rise time
3
d(off)
Turn off Delay Time
13
tf
Fall Time
3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com