Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

699 Datasheet(PDF) 2 Page - 3M Electronics

Part # 699
Description  3M™ Scotch® High Tack Multipack Tape 699
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

699 Datasheet(HTML) 2 Page - 3M Electronics

  699 Datasheet HTML 1Page - 3M Electronics 699 Datasheet HTML 2Page - 3M Electronics 699 Datasheet HTML 3Page - 3M Electronics 699 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3M™ Scotch® High Tack Multipack Tape 699
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Physical Properties
Property
Values
Method
Color
Clear, custom printed
Total Tape Thickness
0.066 mm
2.6 mil
ASTM D3652
Backing Thickness
0.041 mm
1.6 mil
ASTM D3652
Backing
Biaxially orientated polypropylene
Adhesive
Pressure sensitive hot melt rubber resin
Typical Performance Characteristics
Property
Values
Method
Backing
Notes
180° Peel
Adhesion
5 N/cm
46 oz/in
ASTM D3330
2 mil Aluminum Foil
12 in/min (300 mm/min)
72 hr dwell on Stainless Steel
Elongation at
Break
160 %
ASTM D3759
Holding Power
6000+ min
ASTM D3654
Tensile Strength
Notes
Test Condition
52.5 N/cm
30 lb/in
Machine Direction
105 N/cm
60 lb/in
Cross Direction
Property: Tensile Strength
Method: ASTM D3759
Handling/Application Information
Application Techniques
Application equipment including hand held manual dispensers, semi-automatic and fully automatic equipment for grouping packages are available. Application of
Scotch® High Tack Multipack Tape 699 is most easily accomplished at room temperature 72°F (23°C). Very low or high temperatures cause hardening or softening of
the adhesive respectively, making application more di cult. Once applied, Scotch® High Tack Multipack Tape 699 performs well throughout the normal temperature
ranges typically encountered by packaged products in shipping and storage environments.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com