Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

640 Datasheet(PDF) 3 Page - 3M Electronics

Part # 640
Description  3M™ Scotch® Transparent Film Tape 640
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

640 Datasheet(HTML) 3 Page - 3M Electronics

  640 Datasheet HTML 1Page - 3M Electronics 640 Datasheet HTML 2Page - 3M Electronics 640 Datasheet HTML 3Page - 3M Electronics 640 Datasheet HTML 4Page - 3M Electronics 640 Datasheet HTML 5Page - 3M Electronics 640 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch® Transparent Film Tape 640
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
66 m
72 yd
Standard Width
12.7, 19, 25.4, 38.1, 50.8
mm
1/2, 3/4, 1, 1.5, 2 in
Core Size
76.2 mm
3 in
ID
Handling/Application Information
Application Techniques
An extensive line of application equipment including hand held manual dispensers and semi-automatic and fully
automatic equipment is available. Application of Scotch® Transparent Film Tape 640 is most easily accomplished at
room temperature. At colder temperatures, approaching 32°F (0°C), the adhesive becomes more rm. Once
applied, Scotch® Tape 640 performs well throughout the normal temperature ranges typically encountered by
packaged products in shipping and storage requirements.
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.
Paklon is a trademark of 3M.
References
Table continued on next page
Property
Values
No data available in table
Showing 0 to 0 of 0 entries
Previous
Next



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com