Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-USBPD27S Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-USBPD27S
Description  Compact 27W USB Type-C??Power Delivery 3.0 with PPS adapter reference design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-USBPD27S Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-USBPD27S Datasheet HTML 1Page - STMicroelectronics STEVAL-USBPD27S Datasheet HTML 2Page - STMicroelectronics STEVAL-USBPD27S Datasheet HTML 3Page - STMicroelectronics STEVAL-USBPD27S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Design overview
The architecture is based on three main stages: the power supply stage implementing a QR fly-back topology
based on the STD7N65M6 MDmesh™ M6 primary MOSFET, the power control stage embedding the STCH03
primary side PWM controller, and the digital control stage based on the STM32G071KB Arm Cortex-M0+ MCU
that manages the USB Power Delivery stack, controls the USB Type-C connector, enables the VBUS and the
VCONN power paths and runs the adaptive synchronous rectification algorithm.
The USB-PD 3.0 Middleware stack,coming from the STM32CubeG0 package, runs over the STM32G071KBU6N.
On the primary side, the STCH03 controller combines a high performance low-voltage PWM controller chip with a
650 V HV start-up cell in the same package, ensuring low pin count. It can operate in different modes, QR active
mode, valley skipping mode and burst mode, to guarantee high efficiency at different input voltage and output
load conditions.
On the secondary side, the STM32G0 provides additional integration value, thanks to the embedded UCPD
interface which manages the USB Type-C connector and the Power Delivery 3.0 communication protocol, while
controlling the adaptive synchronous rectification through its versatile peripherals and feature set.
The companion TCPP01-M2 safely interfaces the USB-C connector to the MCU, ensuring the highest robustness
and protecting against any destructive electrostatic discharge (ESD). It features 22 V tolerant ESD protection as
per IEC61000-4-2 level 4 on USB type-C connector configuration channel (CC) pins. The ESDA15P60 ensures
ESD protection higher than 30 kV on the VBUS.
Figure 1. Block diagram
STEVAL-USBPD27S
Design overview
DB4227 - Rev 2
page
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com