Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCH03 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCH03
Description  Compact 27W USB Type-C??Power Delivery 3.0 with PPS adapter reference design
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCH03 Datasheet(HTML) 1 Page - STMicroelectronics

  STCH03 Datasheet HTML 1Page - STMicroelectronics STCH03 Datasheet HTML 2Page - STMicroelectronics STCH03 Datasheet HTML 3Page - STMicroelectronics STCH03 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Summary table
Compact 27W USB
Type-C™ Power
Delivery 3.0 with PPS
adapter reference
design
STEVAL-
USBPD27S
Offline PWM controller
for low standby
adapters
STCH03
Mainstream Arm
Cortex-M0+ MCU with
128 Kbytes of Flash
memory, 36 Kbytes
RAM, 64 MHz CPU,
including USB Type-C
and Power Delivery
Interface
STM32G071KB
N-channel 650 V,
0.91 Ohm typ., 5 A
MDmesh M6 Power
MOSFET
STD7N65M6
USB type-C port
protection
TCPP01-M2
Compact in-circuit
debugger and
programmer for
STM32
STLINK-V3MINI
Software package for
STEVAL-USBPD27S
STSW-
USBPD27SFW
Features
•
USB Power Delivery 3.0 Compliant
•
Universal input mains voltage range: 90 VAC to 264 VAC (line frequency: 45 Hz
to 65 Hz)
•
PD Output
–
Two fixed PDOs: 5V@5A, 9V@3A
–
Two APDOs (PPS): 5VProg@5A, 9VProg@3A
•
PPS Mode: 20 mV step for CV, 50 mA step for CC
•
Output Power: 27 W
•
Minimum four-point average efficiency in active mode compliant with CoC ver. 5
– Tier 2 and DOE Level VI requirement
•
< 40 mW no-load standby power
•
Adaptive Synchronous Rectification controlled by on-board MCU
•
Load feed-forward
•
OVP, UVP, OC, short-circuit protections
•
ESD Protection exceeding IEC61000-4-2 Level 4 on CC lines
•
Immunity against surge current on VBUS pin up to 35 A in a 8/20 µs waveform,
according to IEC61000-4-5
•
Compliant with EN55022 (Class B) standard for conducted noise emissions
•
Compact form factor:
–
59x35x21mm dimensions
–
10.2 W/inch3 power density
•
RoHS compliant
Description
The STEVAL-USBPD27S 27 W AC-DC adapter reference design works as USB
Power Delivery Provider with a single USB Type-C port supporting Programmable
Power Supply (PPS) and featuring adaptive synchronous rectification. Thanks to a
minimal bill of materials, it allows users to easily design compact and cost-effective
adapters.
The reference design accepts a wide range of input voltage and delivers two
well regulated fixed PDOs (5V@5A, 9V@3A) and two APDOs (5VProg@5A and
9VProg@3A), finely adjusted to the advertised voltage range (Programmable Power
Supply or PPS), thus managing the VCONN, as requested by the USB Power Delivery
specification.
The adapter meets the most stringent energy saving recommendations (EU CoC –
Tier 2 ver. 5 and DOE Level VI) ensuring < 40mW of no load power consumption. All
PDOs are compliant with CoC ver. 5 – Tier 2 and DOE Level VI requirements except
the 9VProg@3A APDO, guaranteeing the compliance with the minimum four-point
average efficiency in active mode.
The system has been tested to verify conducted noise emissions and compliance
with the EN55022 (Class B) using standard average detectors, at half and full load
with input voltage of 115 VAC and 230 VAC.
Compact 27W USB Type-C™ Power Delivery 3.0 with PPS adapter reference
design
STEVAL-USBPD27S
Data brief
DB4227 - Rev 2 - November 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STCH03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCH02 STMICROELECTRONICS-STCH02 Datasheet
729Kb / 24P
Offline PWM controller for ultra-low standby adapters
15-Dec-2015
STCH02 STMICROELECTRONICS-STCH02 Datasheet
4Mb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
12-Nov-2018
STCH02TR STMICROELECTRONICS-STCH02TR Datasheet
729Kb / 24P
Offline PWM controller for ultra-low standby adapters
15-Dec-2015
More results

Similar Description - STCH03

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
USB Type-C Power Delivery Controller
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Rohm
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
USB Type-C Power Delivery Controller
logo
Microchip Technology
UPD301B MICROCHIP-UPD301B Datasheet
1Mb / 45P
Stand-alone USB Type-C??Power Delivery 3.0 Controller
05/14/19
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
STMicroelectronics
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
logo
ON Semiconductor
FUSB15101 ONSEMI-FUSB15101 Datasheet
496Kb / 22P
Programmable USBType-C and Power Delivery 3.1 Source Controller with PPS Support
June, 2022 - Rev. 0
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
logo
Silicon Mitus, Inc.
SM5517 SILICONMITUS-SM5517 Datasheet
646Kb / 2P
USB TYPE-C Controller with Power Delivery
May 2019 Rev. 0.0.9
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com