Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020C18R Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLQ020C18R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020C18R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLQ020C18R Datasheet HTML 9Page - STMicroelectronics STLQ020C18R Datasheet HTML 10Page - STMicroelectronics STLQ020C18R Datasheet HTML 11Page - STMicroelectronics STLQ020C18R Datasheet HTML 12Page - STMicroelectronics STLQ020C18R Datasheet HTML 13Page - STMicroelectronics STLQ020C18R Datasheet HTML 14Page - STMicroelectronics STLQ020C18R Datasheet HTML 15Page - STMicroelectronics STLQ020C18R Datasheet HTML 16Page - STMicroelectronics STLQ020C18R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
7
Application information
7.1
External capacitors
The STLQ020 voltage regulator requires external low ESR capacitors to assure the control loop stability. These
capacitors must be selected to meet the requirements of minimum capacitance and equivalent series resistance
defined in the following chapters. Input and output capacitors should be located as close as possible to the
relevant pins.
Input capacitor
An input capacitor, with a minimum value of 1 μF, must be located as close as possible to the input pin of the
device and returned to a clean analog ground. A good quality, low-ESR ceramic capacitor is suggested. It helps to
ensure stability of the control loop, reduces the effects of inductive sources and improves ripple rejection.
Capacitance higher than 1 µF can be chosen in case of fast load transients in application.
Output capacitor
STLQ020 requires a low-ESR capacitor connected on its output, to keep the control loop stable and reduce the
risk of ringing and oscillations. The control loop is designed to be stable with any good quality ceramic capacitor
(such as X5R/X7R types) with a minimum value of 1 µF and equivalent series resistance in the [3 – 500 mΩ]
range. It is important to highlight that the output capacitor must maintain its capacitance and ESR in the stable
region over the full operating temperature, load and input voltage ranges, to assure stability. Therefore,
capacitance and ESR variations must be taken into account in the design phase to ensure the device works in the
expected stability region. There is no maximum limit to the output capacitance, provided that the above conditions
are respected.
7.2
Output voltage adjustment (adjustable version)
In the adjustable version, available on the DFN6-2x2 and SOT323-5L packages, the output voltage can be
adjusted to any voltage, starting from 0.8 V (VADJ) up to the input voltage minus the voltage drop (VDROP) across
the internal power pass element, by connecting a resistor divider between the ADJ pin and the output, allowing
the remote voltage sensing.
The resistor divider should be selected using the following equation:
Equation 1
VOUT = VADJ (1 + R1 / R2)
with VADJ = 0.8 V (typ.) and VOUT < VIN-VDROP(MAX)
For best accuracy and stability the resistor divider should be designed in order to allow that a current of at least
500 nA flows across it. The current flowing into the ADJ pin is typically less than 1 nA, therefore causing negligible
change in final the output voltage.
7.3
Enable pin operation
This is a logic control pin, CMOS level-compatible, which can be used to turn On/Off the regulator.It is active high,
so when it is pulled down, the device enters the shutdown mode, drastically reducing the current consumption, to
less just few nA.
Since it is not internally pulled-up, when the enable feature is not used, this pin must not be left floating. It can be
tied to VIN to keep the regulator output in ON state all the time.
To assure reliable operation, the signal source used to drive the EN pin, must be able to swing above and below
the specified thresholds listed in the electrical characteristics table (VEN).
7.4
Power dissipation
A proper PCB design is recommended, to ensure that the device internal junction temperature is kept below
125°C, in all the operating condition.
Depending on the package option, the thermal energy generated by the device flows from the die surface to the
PCB copper area through the package leads, solder bumps and/or exposed pad.
STLQ020
Application information
DS12072 - Rev 3
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com