Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F091RB Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32F091RB
Description  ARM®-based 32-bit MCU, up to 256 KB Flash, CAN, 12 timers, ADC, DAC, and comm. interfaces, 2.0 - 3.6V
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F091RB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32F091RB Datasheet HTML 37Page - STMicroelectronics STM32F091RB Datasheet HTML 38Page - STMicroelectronics STM32F091RB Datasheet HTML 39Page - STMicroelectronics STM32F091RB Datasheet HTML 40Page - STMicroelectronics STM32F091RB Datasheet HTML 41Page - STMicroelectronics STM32F091RB Datasheet HTML 42Page - STMicroelectronics STM32F091RB Datasheet HTML 43Page - STMicroelectronics STM32F091RB Datasheet HTML 44Page - STMicroelectronics STM32F091RB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Table 14. Alternate functions selected through GPIOA_AFR registers for port A
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
PA0
-
USART2_CTS
TIM2_CH1_ETR
TSC_G1_IO1
USART4_TX
-
-
COMP1_OUT
PA1
EVENTOUT
USART2_RTS
TIM2_CH2
TSC_G1_IO2
USART4_RX
TIM15_CH1N
-
-
PA2
TIM15_CH1
USART2_TX
TIM2_CH3
TSC_G1_IO3
-
-
-
COMP2_OUT
PA3
TIM15_CH2
USART2_RX
TIM2_CH4
TSC_G1_IO4
-
-
-
-
PA4
SPI1_NSS, I2S1_WS
USART2_CK
-
TSC_G2_IO1
TIM14_CH1
USART6_TX
-
-
PA5
SPI1_SCK, I2S1_CK
CEC
TIM2_CH1_ETR
TSC_G2_IO2
-
USART6_RX
-
-
PA6
SPI1_MISO, I2S1_MCK
TIM3_CH1
TIM1_BKIN
TSC_G2_IO3
USART3_CTS
TIM16_CH1
EVENTOUT
COMP1_OUT
PA7
SPI1_MOSI, I2S1_SD
TIM3_CH2
TIM1_CH1N
TSC_G2_IO4
TIM14_CH1
TIM17_CH1
EVENTOUT
COMP2_OUT
PA8
MCO
USART1_CK
TIM1_CH1
EVENTOUT
CRS_SYNC
-
-
-
PA9
TIM15_BKIN
USART1_TX
TIM1_CH2
TSC_G4_IO1
I2C1_SCL
MCO
-
-
PA10
TIM17_BKIN
USART1_RX
TIM1_CH3
TSC_G4_IO2
I2C1_SDA
-
-
-
PA11
EVENTOUT
USART1_CTS
TIM1_CH4
TSC_G4_IO3
CAN_RX
I2C2_SCL
-
COMP1_OUT
PA12
EVENTOUT
USART1_RTS
TIM1_ETR
TSC_G4_IO4
CAN_TX
I2C2_SDA
-
COMP2_OUT
PA13
SWDIO
IR_OUT
-
-
-
-
-
-
PA14
SWCLK
USART2_TX
-
-
-
-
-
-
PA15
SPI1_NSS, I2S1_WS
USART2_RX
TIM2_CH1_ETR
EVENTOUT
USART4_RTS
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com