Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020J25R Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLQ020J25R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020J25R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLQ020J25R Datasheet HTML 4Page - STMicroelectronics STLQ020J25R Datasheet HTML 5Page - STMicroelectronics STLQ020J25R Datasheet HTML 6Page - STMicroelectronics STLQ020J25R Datasheet HTML 7Page - STMicroelectronics STLQ020J25R Datasheet HTML 8Page - STMicroelectronics STLQ020J25R Datasheet HTML 9Page - STMicroelectronics STLQ020J25R Datasheet HTML 10Page - STMicroelectronics STLQ020J25R Datasheet HTML 11Page - STMicroelectronics STLQ020J25R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
6
Typical characteristics
The following plots are referred to the typical application circuit and, unless otherwise noted, at TA = 25 °C.
Figure 6. Output voltage vs. temperature
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2 V, VOUT = VADJ, IOUT = 1 mA
Figure 7. Output voltage vs. temperature
VIN = 2 V, VOUT = VADJ, IOUT = 200 mA
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 8. Output voltage vs. temperature
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 1 mA
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
Figure 9. Output voltage vs. temperature
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 200 mA
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
1.840
1.850
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
STLQ020
Typical characteristics
DS12072 - Rev 3
page 8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com