Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ020J30R Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLQ020J30R
Description  200 mA ultra-low quiescent current LDO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLQ020J30R Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLQ020J30R Datasheet HTML 6Page - STMicroelectronics STLQ020J30R Datasheet HTML 7Page - STMicroelectronics STLQ020J30R Datasheet HTML 8Page - STMicroelectronics STLQ020J30R Datasheet HTML 9Page - STMicroelectronics STLQ020J30R Datasheet HTML 10Page - STMicroelectronics STLQ020J30R Datasheet HTML 11Page - STMicroelectronics STLQ020J30R Datasheet HTML 12Page - STMicroelectronics STLQ020J30R Datasheet HTML 13Page - STMicroelectronics STLQ020J30R Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Figure 16. Quiescent current vs. load current
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0
20
40
60
80
100
120
140
160
180
200
IOUT [mA]
VIN = 2 V, VOUT = VADJ, IOUT = 0 to 200 mA
Figure 17. Quiescent current vs. load current
(magnification)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
IOUT [mA]
VIN = 2 V, VOUT = VADJ, IOUT = 0 to 1 mA
Figure 18. Quiescent current vs. input voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1
2
3
4
5
6
Input Voltage [V]
VIN = 0 to 5.5 V, VOUT = 2.5 V, IOUT = 0 mA
Figure 19. Output voltage vs. input voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
2
3
4
5
6
VIN [V]
VIN = 0 to 5.5 V, VOUT = 2.5 V, IOUT = 0 mA
Figure 20. Enable pin current vs. temperature
0
10
20
30
40
50
60
70
80
90
100
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VIN = 2 V
Figure 21. Dropout voltage vs. temperature
0
10
20
30
40
50
-60
-40
-20
0
20
40
60
80
100
120
140
Temperature [ºC]
VOUT = 2 V, IOUT = 20 mA
STLQ020
Typical characteristics
DS12072 - Rev 3
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com