Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3U6CTR Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM8S003F3U6CTR
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3U6CTR Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM8S003F3U6CTR Datasheet HTML 34Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 35Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 36Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 37Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 38Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 39Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 40Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 41Page - STMicroelectronics STM8S003F3U6CTR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 103 page
background image
Memory and register map
STM8S003F3 STM8S003K3
38/103
DS7147 Rev 10
0x00 5349 to
0x00 53DF
Reserved area (153 byte)
0x00 53E0 to
0x00 53F3
ADC1
ADC_DBxR
ADC data buffer registers
0x00
0x00 53F4 to
0x00 53FF
Reserved area (12 byte)
0x00 5400
ADC1
ADC _CSR
ADC control/status register
0x00
0x00 5401
ADC_CR1
ADC configuration register 1
0x00
0x00 5402
ADC_CR2
ADC configuration register 2
0x00
0x00 5403
ADC_CR3
ADC configuration register 3
0x00
0x00 5404
ADC_DRH
ADC data register high
0xXX
0x00 5405
ADC_DRL
ADC data register low
0xXX
0x00 5406
ADC_TDRH
ADC Schmitt trigger disable register high
0x00
0x00 5407
ADC_TDRL
ADC Schmitt trigger disable register low
0x00
0x00 5408
ADC_HTRH
ADC high threshold register high
0x03
0x00 5409
ADC_HTRL
ADC high threshold register low
0xFF
0x00 540A
ADC_LTRH
ADC low threshold register high
0x00
0x00 540B
ADC_LTRL
ADC low threshold register low
0x00
0x00 540C
ADC_AWSRH
ADC analog watchdog status register high
0x00
0x00 540D
ADC_AWSRL
ADC analog watchdog status register low
0x00
0x00 540E
ADC_AWCRH
ADC analog watchdog control register high
0x00
0x00 540F
ADC_AWCRL
ADC analog watchdog control register low
0x00
0x00 5410 to
0x00 57FF
Reserved area (1008 byte)
1. Depends on the previous reset source.
2. Write only register.
Table 9. General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com