Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP640 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP640
Description  3M™ Scotch-Weld™ Urethane Adhesive
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP640 Datasheet(HTML) 2 Page - 3M Electronics

  DP640 Datasheet HTML 1Page - 3M Electronics DP640 Datasheet HTML 2Page - 3M Electronics DP640 Datasheet HTML 3Page - 3M Electronics DP640 Datasheet HTML 4Page - 3M Electronics DP640 Datasheet HTML 5Page - 3M Electronics DP640 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3M™ Scotch-Weld™ Urethane Adhesive DP640 Brown
Technical Information Note
The following technical information and data should be considered representative or typical only and should not be used for speci cation purposes.
Typical Uncured Physical Properties
Property
Values
Notes
Test Condition
Color
Brown
Colors may vary from nearly white to
yellow/amber. Adhesive performance is not
a ected by color variation.
Base Color
Pink/Purple
Accelerator Color
Tan
Base Density
10.0 to 10.5 lb/gal
Accelerator Density
11.1 to 11.5 lb/gal
Base Viscosity
10,000-40,000 cP
Viscosity measured using Brook eld RVF, spindle
#6, 10 RPM
80°F(27°C)
Accelerator Viscosity
15,000-55,000 cP
Viscosity measured using Brook eld RVF, spindle
#6, 10 RPM
80°F(27°C)
Mix Ratio by Volume (B:A)
1:1
Mix Ratio by Weight (B:A)
1:1
Typical Mixed Physical Properties
Property
Values
Test Condition
Method
Substrate
Notes
Worklife, 10g
mixed
40 min
@ Room
Temperature, 10 g,
1/4" thick
Time to Handling
Strength
6 to 8 h
3M C3179
Aluminum
Time to handling strength taken to be that required
to achieve a 50 psi overlap shear (OLS) strength
using aluminum substrates.
Time to Full Cure
7 day
The cure time is de ned as that time required for
the adhesive to achieve a minimum of 80% of the
ultimate strength as measured by aluminum-
aluminum OLS.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com