Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3979 Datasheet(PDF) 3 Page - 3M Electronics

Part # 3979
Description  3M™ Contractor Grade Duct Tape 3979
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

3979 Datasheet(HTML) 3 Page - 3M Electronics

  3979 Datasheet HTML 1Page - 3M Electronics 3979 Datasheet HTML 2Page - 3M Electronics 3979 Datasheet HTML 3Page - 3M Electronics 3979 Datasheet HTML 4Page - 3M Electronics 3979 Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Contractor Grade Duct Tape 3979
Available Sizes
Property
Values
Standard Roll Length
54.8 m
60 yd
Standard Width
48, 72 mm
1.88, 2.83 in
Handling/Application Information
Application Ideas
• Hanging poly-drapes
• Bundling, attaching, marking, identifying
• Trip hazard mitigation
• Wire pulling
• Masking coatings
Storage and Shelf Life
Store under normal conditions of 60° to 80°F (16° to 27°C) and 40 to 60% R.H. in the original carton.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
3M is a trademark of 3M Company.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/3M-Contractor-Grade-Pro-Strength-
Duct-Tape-3979?N=5002385+3292120025&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=3979



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com