Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

908 Datasheet(PDF) 2 Page - 3M Electronics

Part # 908
Description  ATG Gold Adhesive Transfer Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

908 Datasheet(HTML) 2 Page - 3M Electronics

  908 Datasheet HTML 1Page - 3M Electronics 908 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Scotch
® ATG Gold Adhesive Transfer Tape
908
General Information
• Scotch® ATG Tape 908 is reversed wound and designed for use in Scotch® ATG 700 series
hand-held applicators.
• Tape 908 is photo safe in accordance with both Black – and – White Photographic Activity
Tests and Color Photographic Activity Tests (per ANSI IT9.16).
• Tape 908 has a pH between 7.0 and 8.5
Application Ideas
General purpose applications for holding most paper, foil, film, metal, printed surfaces,
glass and sealed wood including:
• Matting and framing pictures, artwork and documents
• General crafts
• Memory and scrap books
• School Projects
Certification/
Recognition
MSDS: 3M has not prepared a MSDS for this product which is not subject to the MSDS requirements of the
Occupational Safety and Health Administration’s Hazard Communication Standard, 29 C.F.R. 1910.1200(b)(6)(v).
When used under reasonable conditions or in accordance with the 3M directions for use, the product should not
present a health and safety hazard. However, use or processing of the product in a manner not in accordance
with the directions for use may affect its performance and present potential health and safety hazards.
TSCA: This product is defined as an article under the Toxic Substances Control Act and therefore, it is exempt
from inventory listing requirements.
Adhesive Performance Overall adhesive performance, including initial and aged adhesion, color stability, etc. will vary due to the
wide range of materials and substrates this product can be used on. 3M does not recommend that Scotch
®
ATG 908 or other Scotch
® ATG Pressure Sensitive Adhesive (PSA) tapes be directly applied to or come in
contact with materials or items of value including, but not limited to, photographs, any form of artwork,
historical or precious documents or mementoes, etc. It is the user’s responsibility to determine if the tape
product is correct for the application.
Technical Information The technical information, recommendations and other statements contained in this document are based
upon tests or experience that 3M believes are reliable, but the accuracy or completeness of such information
is not guaranteed.
Product Use
Many factors beyond 3M’s control and uniquely within user’s knowledge and control can affect the use and
performance of a 3M product in a particular application. Given the variety of factors that can affect the use
and performance of a 3M product, user is solely responsible for evaluating the 3M product and determining
whether it is fit for a particular purpose and suitable for user’s method of application.
Warranty,
Limited Remedy,
and Disclaimer
Unless an additional warranty is specifically stated on the applicable 3M product packaging or product
literature, 3M warrants that each 3M product meets the applicable 3M product specification at the time 3M
ships the product. 3M MAKES NO OTHER WARRANTIES OR CONDITIONS, EXPRESS OR IMPLIED,
INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OR CONDITION OF MERCHANTABILITY
OR FITNESS FOR A PARTICULAR PURPOSE OR ANY IMPLIED WARRANTY OR CONDITION ARISING
OUT OF A COURSE OF DEALING, CUSTOM OR USAGE OF TRADE. If the 3M product does not conform to
this warranty, then the sole and exclusive remedy is, at 3M’s option, replacement of the 3M product or refund
of the purchase price.
Limitation of Liability Except where prohibited by law, 3M will not be liable for any loss or damage arising from the 3M product,
whether direct, indirect, special, incidental or consequential, regardless of the legal theory asserted, including
warranty, contract, negligence or strict liability.
IS O 90 01: 2000
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001: 2000 standards.
Industrial Adhesives and Tapes Division
3M Center, Building 225-3S-06
St. Paul, MN 55144-1000
800-362-3550 • 877-369-2923 (Fax)
www.3M.com/industrial
Recycled Paper
40% pre-consumer
10% post-consumer
Scotch is a registered trademark of 3M.
Printed in U.S.A.
©3M 2009
70-0709-3885-0
(9/09)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com