Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

821 Datasheet(PDF) 3 Page - 3M Electronics

Part # 821
Description  3M??Scotch짰 Label Protection Tape 821
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

821 Datasheet(HTML) 3 Page - 3M Electronics

  821 Datasheet HTML 1Page - 3M Electronics 821 Datasheet HTML 2Page - 3M Electronics 821 Datasheet HTML 3Page - 3M Electronics 821 Datasheet HTML 4Page - 3M Electronics 821 Datasheet HTML 5Page - 3M Electronics 821 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch® Label Protection Tape 821
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
66 (bulk only) m
72 (bulk only) yd
Standard Width
50.8, 76.2, 101.6, 127,
152.4 mm
2, 3, 4, 5, 6 in
Core Size
76.2 mm
3 in
ID
Available Sizes
Custom widths and lengths
available on request,
subject to minimum order
requirements.
Handling/Application Information
Application Techniques
A line of in-stock manual dispensers is available including the Scotch® Tape Dispensers M-727, M-707, M-797 and
P56.
Storage and Shelf Life
Storage of Scotch® Label Protection Tape 821 is recommended at 70°F (21°C) and 40-50% relative humidity.
To obtain best performance, use this product within 18 months from date of manufacture.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/Scotch-Label-Protection-Tape-821?
N=5002385+3293242200&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-
search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=821



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com