Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

694 Datasheet(PDF) 3 Page - 3M Electronics

Part # 694
Description  3M??Scotch짰 Red Cellophane Tape
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

694 Datasheet(HTML) 3 Page - 3M Electronics

  694 Datasheet HTML 1Page - 3M Electronics 694 Datasheet HTML 2Page - 3M Electronics 694 Datasheet HTML 3Page - 3M Electronics 694 Datasheet HTML 4Page - 3M Electronics 694 Datasheet HTML 5Page - 3M Electronics 694 Datasheet HTML 6Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3M™ Scotch® Clean Removal Multipack Tape 694
Available Sizes
Property
Values
Note
Subject to Minimum Order
Requirements
Standard Roll Length
100, 1500 m
109, 1640 yd
Available Width
36, 48, 72, 96, 144 mm
Handling/Application Information
Application Techniques
Application equipment including hand held manual dispensers, semi-automatic and fully automatic equipment for
grouping packages are available. Application of Scotch® Multipack Tape 694 is most easily accomplished at room
temperature 72°F (23°C). Very low or high temperatures cause hardening or softening of the adhesive respectively,
making application more di cult. Once applied, Scotch® Multipack Tape 694 performs well throughout the normal
temperature ranges typically encountered by packaged products in shipping and storage environments.
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Scotch is a registered trademark of 3M.
References
Table continued on next page
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-
3m-products/~/Scotch-Clean-Removal-Multipack-
Tape-694?N=5002385+3292136718&rt=rud



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com