Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

369 Datasheet(PDF) 3 Page - 3M Electronics

Part # 369
Description  3M™ Tartan™ Box Sealing Tape 369
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

369 Datasheet(HTML) 3 Page - 3M Electronics

  369 Datasheet HTML 1Page - 3M Electronics 369 Datasheet HTML 2Page - 3M Electronics 369 Datasheet HTML 3Page - 3M Electronics 369 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISO Statement
3M™ Tartan™ Box Sealing Tape 369
Available Sizes
Property
Values
Attribute Modi er
Standard Roll Length
50, 100, 914, 1500 m
55, 109, 1000, 1641 yd
Standard Width
48, 72 mm
1.9, 2.8 in
Core Size
76.2 mm
3 in
ID
Handling/Application Information
Application Techniques
An extensive line of application equipment including hand held manual dispensers and semi-automatic and fully automatic equipment is available. Application of
Tartan™ Box Sealing Tape 369 is most easily accomplished at room temperature. At colder temperatures, approaching 32°F (0°C), the adhesive becomes more rm.
Once applied, Tartan tape 369 performs well throughout the normal temperature ranges typically encountered by packaged products in shipping and storage
environments.
Storage and Shelf Life
Store in a clean, dry place. Temperature of 40-80°F (4-26°C) and 40 to 50% relative humidity are recommended.
To obtain best performance, use this product within 18 months from date of manufacture.
Trademarks
Tartan is a trademark of 3M.
References
Property
Values
3m.com Product Page
https://www.3m.com/3M/en_US/company-us/all-3m-products/~/Tartan-Box-
Sealing-Tape-369?N=5002385+3293241039&rt=rud
Safety Data Sheet (SDS)
https://www.3m.com/3M/en_US/company-us/SDS-search/results/?
gsaAction=msdsSRA&msdsLocale=en_US&co=ptn&q=369
This Industrial Adhesives and Tapes Division product was manufactured under a 3M quality system registered to ISO 9001 standards.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com