Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCSDMC7902EX Datasheet(PDF) 2 Page - Schneider Electric

Part # XCSDMC7902EX
Description  coded magnetic switch XCSDMC - ATEX - 2 NC, staggered - cable 2 m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XCSDMC7902EX Datasheet(HTML) 2 Page - Schneider Electric

  XCSDMC7902EX Datasheet HTML 1Page - Schneider Electric XCSDMC7902EX Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Electrical shock protection class
Class II conforming to IEC 60536
IP degree of protection
IP66 conforming to IEC 60529
IP67 conforming to IEC 60529
Enclosure material
Thermoplastic PBT
Cable material
PVC
Dust zone
According to protection mode mD, tD and ia
Zone 0 - 1 - 2/20 - 21 - 22
Product certifications
INERIS 04ATEX0036
Standards
EN 60079-0
EN 60079-11
EN 60079-18
EN 60079-31
EN/ISO 13849-1
Directives
2014/34/EU - ATEX directive
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
110 g
Package 1 Height
3 cm
Package 1 width
22.6 cm
Package 1 Length
16.6 cm
Unit Type of Package 2
S02
Number of Units in Package 2
20
Package 2 Weight
2.456 kg
Package 2 Height
15 cm
Package 2 width
30 cm
Package 2 Length
40 cm
Offer Sustainability
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS
Declaration
Toxic heavy metal free
Yes
Mercury free
Yes
RoHS exemption information
Yes
Contractual warranty
Warranty
18 months



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com